Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9002BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADRV9002BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 10Page - Analog Devices ADRV9002BBCZ Datasheet HTML 11Page - Analog Devices ADRV9002BBCZ Datasheet HTML 12Page - Analog Devices ADRV9002BBCZ Datasheet HTML 13Page - Analog Devices ADRV9002BBCZ Datasheet HTML 14Page - Analog Devices ADRV9002BBCZ Datasheet HTML 15Page - Analog Devices ADRV9002BBCZ Datasheet HTML 16Page - Analog Devices ADRV9002BBCZ Datasheet HTML 17Page - Analog Devices ADRV9002BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
Data Sheet
ADRV9002
SPECIFICATIONS
analog.com
Rev. A | 14 of 100
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Signal Level
0.2
0.4
V p-p
AC-coupled, for optimal spurious
performance and to meet the specified
PLL performance parameters, use a
400 mV p-p (800 mV p-p differential)
input clock.
Single-Ended Mode
Frequency Range
10
80
MHz
Signal Level
0.2
1
V p-p
AC-coupled, for optimal spurious
performance and to meet the specified
PLL performance parameters, use a 1
V p-p input clock.
REFERENCE CLOCK (XTAL)
Frequency Range
20
80
MHz
CLOCK OUTPUT (DEV_CLK_OUT SIGNAL)
Frequency Range
10
80
MHz
1 DEV_CLK is the device clock frequency rate.
DIGITAL INTERFACES AND AUXILIARY CONVERTERS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
AUXILIARY ADC CONVERTERS
Resolution
10
Bits
Input Voltage
Minimum
0.05
V
Maximum
0.95
V
AUXILIARY DAC CONVERTERS
Resolution
12
Bits
Output Voltage
Minimum
0.05
V
Maximum
VDDA_1P81 −
0.05
V
Drive Capability
10
mA
DIGITAL SPECIFICATIONS (CMOS SSI
SIGNALS)
Logic Inputs
Input Voltage
High Level
VDIGIO_1P8 ×
0.65
VDIGIO_1P8 +
0.18
V
Low Level
−0.30
VDIGIO_1P8 ×
0.35
V
Logic Outputs
Output Voltage
High Level
VDIGIO_1P8 −
0.45
V
Low Level
0.45
V
Drive Capability
10
mA
DIGITAL SPECIFICATIONS (DIGITAL
GPIO SIGNALS)
Logic Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com