Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 36Page - NXP Semiconductors LPC2917 Datasheet HTML 37Page - NXP Semiconductors LPC2917 Datasheet HTML 38Page - NXP Semiconductors LPC2917 Datasheet HTML 39Page - NXP Semiconductors LPC2917 Datasheet HTML 40Page - NXP Semiconductors LPC2917 Datasheet HTML 41Page - NXP Semiconductors LPC2917 Datasheet HTML 42Page - NXP Semiconductors LPC2917 Datasheet HTML 43Page - NXP Semiconductors LPC2917 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
40 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
8.7.7.2
Description
See section Section 8.4.3.2 for a description of the timers.
8.7.7.3
MSCSS timer-pin description
MSCSS timer 0 has no external pins.
MSCSS timer 1 has a PAUSE pin available as external pin. The PAUSE pin is combined
with other functions on the port pins of the LPC2917/19. Table 22 shows the MSCSS
timer 1 external pin.
8.7.7.4
MSCSS timer-clock description
The Timer modules in the MSCSS are clocked by CLK_MSCSS_MTMRx (x = 0-1), see
Section 7.2.2. Note that each timer has its own CLK_MSCSS_MTMRx branch clock for
power management. The frequency of all these clocks is identical to CLK_MSCSS_VPB
since they are derived from the same base clock BASE_MSCSS_CLK.
Note that, unlike the timer modules in the Peripheral SubSystem, the actual timer counter
registers run at the same clock as the VPB system interface CLK_MSCSS_VPB. This
clock is independent of the AHB system clock.
If a timer module is not used its CLK_MSCSS_MTMRx branch clock can be switched off.
8.8 Power, clock and reset control subsystem
8.8.1 Overview
The Power, Clock and Reset Control Subsystem (PCRSS) in the LPC2917/19 includes a
Clock Generator Unit (CGU), a Reset Generator Unit (RGU) and a Power Management
Unit (PMU).
8.8.2 Description
Figure 11 provides an overview of the PCRSS. An AHB-to-DTL bridge takes care of
communication with the AHB system bus.
Table 22.
MSCSS timer 1 pin
Symbol
Direction
Description
MSCSS PAUSE
in
pause pin for MSCSS timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com