Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 13Page - NXP Semiconductors LPC2917 Datasheet HTML 14Page - NXP Semiconductors LPC2917 Datasheet HTML 15Page - NXP Semiconductors LPC2917 Datasheet HTML 16Page - NXP Semiconductors LPC2917 Datasheet HTML 17Page - NXP Semiconductors LPC2917 Datasheet HTML 18Page - NXP Semiconductors LPC2917 Datasheet HTML 19Page - NXP Semiconductors LPC2917 Datasheet HTML 20Page - NXP Semiconductors LPC2917 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
17 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
[1]
Availability of sector 15 to sector 18 depends on device type, see Section 4 “Ordering information”.
The index sector is a special sector in which the JTAG access protection and sector
security are located. The address space becomes visible by setting the FS_ISS bit and
overlaps the regular flash sector’s address space.
Note that the index sector cannot be erased, and that access to it has to be performed via
code outside the flash.
8.1.6 Flash bridge wait-states
To eliminate the delay associated with synchronizing flash-read data, a predefined
number of wait-states must be programmed. These depend on flash-memory response
time and system clock period. The minimum wait-states value can be calculated with the
following formulas:
Synchronous reading:
Asynchronous reading:
3
8
0000 6000h
4
8
0000 8000h
5
8
0000 A000h
6
8
0000 C000h
7
8
0000 E000h
8
64
0001 0000h
9
64
0002 0000h
10
64
0003 0000h
11
64
0004 0000h
12
64
0005 0000h
13
64
0006 0000h
14
64
0007 0000h
15[1]
64
0008 0000h
16[1]
64
0009 0000h
17[1]
64
000A 0000h
18[1]
64
000B 0000h
Table 9.
Flash sector overview …continued
Sector number
Sector size (kB)
Sector base address
WST
t
acc clk
()
t
t
tclk sys
()
------------------
>
1
–
WST
t
acc addr
()
t
tclk sys
()
----------------------
>
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com