Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 49Page - NXP Semiconductors LPC2917 Datasheet HTML 50Page - NXP Semiconductors LPC2917 Datasheet HTML 51Page - NXP Semiconductors LPC2917 Datasheet HTML 52Page - NXP Semiconductors LPC2917 Datasheet HTML 53Page - NXP Semiconductors LPC2917 Datasheet HTML 54Page - NXP Semiconductors LPC2917 Datasheet HTML 55Page - NXP Semiconductors LPC2917 Datasheet HTML 56Page - NXP Semiconductors LPC2917 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
53 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
11. Static characteristics
Table 30.
Static characteristics
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDD(A3V3) = 3.0 V to 3.6 V; Tvj =-40 °Cto+125 °C; all voltages are
measured with respect to ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
Core supply
VDD(CORE)
Core supply voltage.
1.71
1.80
1.89
V
IDDD(CORE)
Core supply current.
ARM9 and all
peripherals active at
max clock speeds.
-1.1
2.5
mA/
MHz
All clocks off.
[2] -30
450
μA
I/O supply
VDD(IO)
I/O digital supply voltage.
2.7
-
3.6
V
Oscillator supply
VDD(OSC_PLL) Oscillator and PLL supply
voltage.
1.71
1.80
1.89
V
IDDD(OSC_PLL) Oscillator and PLL supply
current.
start-up
1.5
-
3
mA
Normal mode
-
-
1
mA
Power-down mode
-
-
2
μA
Analog-to-digital converter supply
VDD(A3V3)
3.3 V ADC supply voltage
3.0
3.3
3.6
V
IDDA(A3V3)
3.3 V ADC analog supply
current.
Normal mode
-
-
1.9
mA
Power-down mode
-
-
4
μA
Input pins and I/O pins configured as input
VI
Input voltage.
All port pins and VDD(IO)
applied except port 0
pins 16 to 31.
see Section 9
[7][8] -0.5
-
+ 5.5
V
Port 0 pins 16 to 31.
[8]
VVREFP
All port pins and VDD(IO)
not applied.
-0.5
-
+3.6
V
All other I/O pins,
RESET_N, TRST_N,
TDI, JTAGSEL, TMS,
TCK.
-0.5
-
VDD(IO)
V
VIH
HIGH-state input voltage.
All port pins, RESET_N,
TRST_N, TDI,
JTAGSEL, TMS, TCK.
2.0
-
-
V
VIL
LOW-state input voltage.
All port pins, RESET_N,
TRST_N, TDI,
JTAGSEL, TMS, TCK.
--
0.8
V
Vhys
Hysteresis voltage.
0.4
-
-
V
ILIH
HIGH-state input leakage
current.
--
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com