Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 42Page - NXP Semiconductors LPC2917 Datasheet HTML 43Page - NXP Semiconductors LPC2917 Datasheet HTML 44Page - NXP Semiconductors LPC2917 Datasheet HTML 45Page - NXP Semiconductors LPC2917 Datasheet HTML 46Page - NXP Semiconductors LPC2917 Datasheet HTML 47Page - NXP Semiconductors LPC2917 Datasheet HTML 48Page - NXP Semiconductors LPC2917 Datasheet HTML 49Page - NXP Semiconductors LPC2917 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
46 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Triple output phases
For applications that require multiple clock phases two additional clock outputs can be
enabled by setting register P23EN to ’1’, thus giving three clocks with a 120
° phase
difference. In this mode all three clocks generated by the analog section are sent to the
output dividers. When the PLL has not yet achieved lock the second and third phase
output dividers run unsynchronized, which means that the phase relation of the output
clocks is unknown. When the PLL LOCK register is set the second and third phase of the
output dividers are synchronized to the main output clock CLKOUT PLL, thus giving three
clocks with a 120
° phase difference.
Direct output mode
In normal operating mode (with DIRECT set to ’0’) the CCO clock is divided by 2, 4, 8 or
16 depending on the value on the PSEL[1:0] input, giving an output clock with a 50% duty
cycle. If a higher output frequency is needed the CCO clock can be sent directly to the
output by setting DIRECT to ’1’. Since the CCO does not directly generate a 50% duty
cycle clock, the output clock duty cycle in this mode can deviate from 50%.
Power-down control
A power-down mode has been incorporated to reduce power consumption when the PLL
clock is not needed. This is enabled by setting the PD control register bit. In this mode the
analog section of the PLL is turned off, the oscillator and the phase-frequency detector are
stopped and the dividers enter a reset state. While in power-down mode the LOCK output
is low, indicating that the PLL is not in lock. When power-down mode is terminated by
clearing the PD control-register bit the PLL resumes normal operation, and makes the
LOCK signal high once it has regained lock on the input clock.
8.8.4.4
CGU pin description
The CGU module in the LPC2917/19 has the pins listed in Table 24 below.
Fig 14. PLL block diagram
P23
CCO
/ MDIV
clkout120 /
clkout240
/ 2PDIV
MSEL
PSEL
P23EN
Input clock
Bypass
Direct
clkout
Table 24.
CGU pins
Symbol
Direction
Description
XOUT_OSC
out
Oscillator crystal output
XIN_OSC
in
Oscillator crystal input or external clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com