Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 27Page - NXP Semiconductors LPC2917 Datasheet HTML 28Page - NXP Semiconductors LPC2917 Datasheet HTML 29Page - NXP Semiconductors LPC2917 Datasheet HTML 30Page - NXP Semiconductors LPC2917 Datasheet HTML 31Page - NXP Semiconductors LPC2917 Datasheet HTML 32Page - NXP Semiconductors LPC2917 Datasheet HTML 33Page - NXP Semiconductors LPC2917 Datasheet HTML 34Page - NXP Semiconductors LPC2917 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
31 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Complete LIN 2.0 message handling and transfer
One interrupt per LIN message
Slave response time-out detection
Programmable sync-break length
Automatic sync-field and sync-break generation
Programmable inter-byte space
Hardware or software parity generation
Automatic checksum generation
Fault confinement
Fractional baud-rate generator
8.6.2 LIN pin description
The two LIN 2.0 master controllers in the LPC2917/19 have the pins listed below. The LIN
pins are combined with other functions on the port pins of the LPC2917/19. Table 19
shows the LIN pins. For more information see Ref. 1 subsection 3.43, LIN master
controller.
8.7 Modulation and sampling control subsystem
8.7.1 Overview
The Modulation and Sampling Control Subsystem (MSCSS) in the LPC2917/19 includes
four Pulse-Width Modulators (PWMs), three10-bit successive approximation
Analog-to-Digital Converters (ADCs) and two timers.
The key features of the MSCSS are:
Two 10-bit, 400 ksamples/s, 8-channel ADCs with 3.3 V inputs and various trigger-
start options
Four 6-channel PWMs (Pulse-Width Modulators) with capture and trap functionality
Two dedicated timers to schedule and synchronize the PWMs and ADCs
8.7.2 Description
The MSCSS contains Pulse-Width Modulators (PWMs), Analog-to-Digital Converters
(ADCs) and timers.
Figure 7 provides an overview of the MSCSS. An AHB-to-VPB bus bridge takes care of
communication with the AHB system bus. Two internal timers are dedicated to this
subsystem. MSCSS timer 0 can be used to generate start pulses for the ADCs and the
first PWM. The second timer (MSCSS timer 1) is used to generate ‘carrier’ signals for the
PWMs. These carrier patterns can be used, for example, in applications requiring current
Table 19.
LIN controller pins
Symbol
Direction
Description
LIN0/1 TXDL out
LIN channel 0/1 transmit data output
LIN0/1 RXDL in
LIN channel 0/1 receive data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com