Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 29Page - NXP Semiconductors LPC2917 Datasheet HTML 30Page - NXP Semiconductors LPC2917 Datasheet HTML 31Page - NXP Semiconductors LPC2917 Datasheet HTML 32Page - NXP Semiconductors LPC2917 Datasheet HTML 33Page - NXP Semiconductors LPC2917 Datasheet HTML 34Page - NXP Semiconductors LPC2917 Datasheet HTML 35Page - NXP Semiconductors LPC2917 Datasheet HTML 36Page - NXP Semiconductors LPC2917 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
33 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Each ADC module has four start inputs. An ADC conversion is started when one of the
start ADC conditions is valid:
start 0: ADC external start input pin; can be triggered at a positive or negative edge.
Note that this signal is captured in the ADC clock domain
start 1: If the ‘preceding’ ADC conversion is ended, the sync_out signal starts an ADC
conversion. This signal is captured in the MSCSS subsystem clock domain, see
Section 8.7.5.2. As can be seen in Figure 8, the sync_out of ADC1 is connected to the
start 1 input of ADC2 and the sync_out of ADC2 is connected to the start 1 input of
ADC1.
start 2: The PWM sync_out can start an ADC conversion. The sync_out signal is
synchronized to the ADC clock in the ADC module. This signal is captured in the
MSCSS subsystem clock domain.
start 3: The match outputs from MSCSS timer 0 are connected to the start 3 inputs of
the ADCs. This signal is captured in the ADC clock domain.
The PWM_sync and trans_enable_in of PWM 0 are connected to the 4th match output of
MSCSS timer 0 to start the PWM after a pre-programmed delay. This sync signal is
cascaded through all PWMs, allowing a programmable delay offset between subsequent
PWMs. The sync delay of each PWM can be programmed synchronously or with a
different phase for spreading the power load.
The match outputs of MSCSS timer 1 (PWM control) are connected to the corresponding
carrier inputs of the PWM modules. The carrier signal is modulated with the PWM-
generated waveforms.
The pause input of MSCSS timer 1 (PWM Control) is connected to an external input pin.
Generation of the carrier signal is stopped by asserting the pause of this timer.
The pause input of MSCSS timer 0 (ADC Control) is connected to a ‘NOR’ of the
PWM_sync outputs (start 2 input on the ADCs). If the pause feature of this timer is
enabled the timer only counts when one of the PWM_sync outputs is active HIGH. This
feature can be used to start the ADC once every x PWM cycles, where x corresponds to
the value in the match register of the timer. In this case the start 3 input of the ADC should
be enabled (start on match output of MSCSS timer 0).
The signals connected to the capture inputs of the timers (both MSCSS timer 0 and
MSCSS timer 1) are intended for debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com