Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 15Page - NXP Semiconductors LPC2917 Datasheet HTML 16Page - NXP Semiconductors LPC2917 Datasheet HTML 17Page - NXP Semiconductors LPC2917 Datasheet HTML 18Page - NXP Semiconductors LPC2917 Datasheet HTML 19Page - NXP Semiconductors LPC2917 Datasheet HTML 20Page - NXP Semiconductors LPC2917 Datasheet HTML 21Page - NXP Semiconductors LPC2917 Datasheet HTML 22Page - NXP Semiconductors LPC2917 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
19 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
8.2.3 External static-memory controller pin description
The external static-memory controller module in the LPC2917/19 has the following pins,
which are combined with other functions on the port pins of the LPC2917/19. Table 12
shows the external memory controller pins.
8.2.4 External static-memory controller clock description
The External Static-Memory Controller is clocked by CLK_SYS_SMC, see Section 7.2.2.
8.2.5 External memory timing diagrams
A timing diagram for reading from external memory is shown in Figure 4. The relationship
between the wait-state settings is indicated with arrows.
Table 11.
External static-memory controller banks
CS[2:0]
Bank
000
bank 0
001
bank 1
010
bank 2
011
bank 3
100
bank 4
101
bank 5
110
bank 6
111
bank 7
Table 12.
External memory controller pins
Symbol
Direction
Description
EXTBUS CSx
out
memory-bank x select, x runs from 0 to 7
EXTBUS BLSy
out
byte-lane select input y, y runs from 0 to 3
EXTBUS WE_N
out
write enable (active LOW)
EXTBUS OE_N
out
output enable (active LOW)
EXTBUS A[23:0] out
address bus
EXTBUS D[31:0] in/out
data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com