Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 48Page - NXP Semiconductors LPC2917 Datasheet HTML 49Page - NXP Semiconductors LPC2917 Datasheet HTML 50Page - NXP Semiconductors LPC2917 Datasheet HTML 51Page - NXP Semiconductors LPC2917 Datasheet HTML 52Page - NXP Semiconductors LPC2917 Datasheet HTML 53Page - NXP Semiconductors LPC2917 Datasheet HTML 54Page - NXP Semiconductors LPC2917 Datasheet HTML 55Page - NXP Semiconductors LPC2917 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
52 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
[1]
Based on package heat transfer, not device power consumption.
[2]
Peak current must be limited at 25 times average current.
[3]
For I/O Port 0, the maximum input voltage is defined by VI(ADC).
[4]
Only when VDD(IO) is present.
[5]
Note that pull-up should be off. With pull-up do not exceed 3.6 V.
[6]
In accordance with IEC 60747-1. An alternative definition of the virtual junction temperature is: Tvj =Tamb +Ptot × Rth(j-a) where Rth(j-a) is
a fixed value; see Section 10. The rating for Tvj limits the allowable combinations of power dissipation and ambient temperature.
[7]
Human-body model: discharging a 100 pF capacitor via a 10 k
Ω series resistor.
[8]
Machine model: discharging a 200 pF capacitor via a 0.75
μH series inductance and 10 Ω resistor.
[9]
112 mA per VDD(IO) or VSS(IO) should not be exceeded.
10. Thermal characteristics
IOHS
HIGH-state short-circuit
output current.
Drive HIGH, output shorted
to VSS(IO).
[9]
-
−33
mA
IOLS
LOW-state short-circuit
output current.
Drive LOW, output shorted
to VDD(IO).
[9]
-+38
mA
General
Tstg
Storage temperature.
−40
+150
°C
Tamb
Ambient temperature.
−40
+85
°C
Tvj
Virtual junction temperature.
[6]
−40
+125
°C
Memory
nendu(fl)
Endurance of flash memory.
-
100 000
cycle
tret(fl)
Flash memory retention
time.
-20
year
Electrostatic discharge
Vesd
Electrostatic discharge
voltage.
On all pins.
Human body model.
[7]
−2000
+2000
V
Machine model.
[8]
−200
+200
V
Charged device model.
−500
+500
V
On corner pins.
Charged device model.
-750
+750
V
Table 28.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 29.
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
package;
LQFP144
62
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com