Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 10Page - NXP Semiconductors LPC2917 Datasheet HTML 11Page - NXP Semiconductors LPC2917 Datasheet HTML 12Page - NXP Semiconductors LPC2917 Datasheet HTML 13Page - NXP Semiconductors LPC2917 Datasheet HTML 14Page - NXP Semiconductors LPC2917 Datasheet HTML 15Page - NXP Semiconductors LPC2917 Datasheet HTML 16Page - NXP Semiconductors LPC2917 Datasheet HTML 17Page - NXP Semiconductors LPC2917 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
14 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
[1]
This clock is always on (cannot be switched off for system safety reasons)
[2]
In the peripheral subsystem parts of the Timers, Watchdog Timer, SPI and UART have their own clock
source. See Section 8.4 for details.
[3]
In the Power Clock and Reset Control subsystem parts of the CGU, RGU PMU have their own clock
source. See Section 8.8 for details.
[4]
The clock should remain activated when system wake-up on timer or UART is required.
8.
Block description
8.1 Flash memory controller
8.1.1 Overview
The Flash Memory Controller (FMC) interfaces to the embedded flash memory for two
tasks:
• Providing memory data transfer
• Memory configuration via triggering, programming and erasing
BASE_MSCSS_CLK
CLK_MSCSS_VPB
VPB side of the MSCSS
CLK_MSCSS_MTMR0
Timer 0 in the MSCSS
CLK_MSCSS_MTMR1
Timer 1 in the MSCSS
CLK_MSCSS_PWM0
PWM 0
CLK_MSCSS_PWM1
PWM 0
CLK_MSCSS_PWM2
PWM 0
CLK_MSCSS_PWM3
PWM 0
CLK_MSCSS_ADC1_V
PB
VPB side of ADC 1
CLK_MSCSS_ADC2_V
PB
VPB side of ADC 2
BASE_UART_CLK
CLK_UART0
UART 0 interface clock
CLK_UART1
UART 1 interface clock
BASE_SPI_CLK
CLK_SPI0
SPI 0 interface clock
CLK_SPI1
SPI 1 interface clock
CLK_SPI2
SPI 2 interface clock
BASE_TMR_CLK
CLK_TMR0
Timer 0 clock for counter part
CLK_TMR1
Timer 1 clock for counter part
CLK_TMR2
Timer 2 clock for counter part
CLK_TMR3
Timer 3 clock for counter part
BASE_ADC_CLK
CLK_ADC1
Control of ADC 1, capture sample
result
CLK_ADC2
Control of ADC 2, capture sample
result
BASE_CLK_TESTSHELL
CLK_TESTSHELL_IP
Table 7.
Base clock and branch clock overview …continued
Base clock
Branch clock name
Parts of the device clocked by
this branch clock
Remark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com