Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 52Page - NXP Semiconductors LPC2917 Datasheet HTML 53Page - NXP Semiconductors LPC2917 Datasheet HTML 54Page - NXP Semiconductors LPC2917 Datasheet HTML 55Page - NXP Semiconductors LPC2917 Datasheet HTML 56Page - NXP Semiconductors LPC2917 Datasheet HTML 57Page - NXP Semiconductors LPC2917 Datasheet HTML 58Page - NXP Semiconductors LPC2917 Datasheet HTML 59Page - NXP Semiconductors LPC2917 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
56 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Internal clock
fclk(sys)
System clock
frequency. See
Table 23.
10
-
80
MHz
Tclk(sys)
System clock period.
See Table 23.
12.5
-
100
ns
Low-Power Ring Oscillator
fref(RO)
RO reference
frequency.
0.36
0.4
0.42
MHz
tstartup
Start-up time.
At maximum frequency
[2].
-6
100
μs
Oscillator
fi(osc)
Oscillator input
frequency.
Maximum frequency is
the clock input of an
external clock source
applied to the Xin pin.
10
-
80
MHz
tstartup
Start-up time.
At maximum frequency.
[2] [3]
-
500
-
μs
PLL
fi(PLL)
PLL input frequency.
10
-
25
MHz
fo(PLL)
PLL output frequency.
10
-
160
MHz
CCO; direct mode.
156
-
320
MHz
Analog-to-digital converter
fi(ADC)
ADC input frequency.
[4]
4-
4.5
MHz
fs(max)
Maximum sampling
rate.
fi(ADC) = 4.5 MHz;
fs =fi(ADC)/(n+1) with
n=resolution
resolution 2 bit
-
-
1500
ksample/s
resolution 10 bit
-
-
400
ksample/s
tconv
Conversion time.
In number of ADC clock
cycles.
3
-
11
cycles
In number of bits.
2
-
10
bits
Flash memory
tinit
Initialization time.
-
-
150
μs
twr(pg)
Page write time.
0.95
1
1.05
ms
ter(sect)
Sector erase time.
95
100
105
ms
tfl(BIST)
Flash word BIST time.
-
38
70
ns
tacc(clk)
clock access time
-
-
63.4
ns
tacc(addr)
address access time
-
-
60.3
ns
external static memory controller
ta(R)int
Internal read-access
time.
-
-
20.5
ns
Table 31.
Dynamic characteristics …continued
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDD(A3V3) = 3.0 V to 3.6 V; Tvj = 40 °C; all voltages are measured with
respect to ground; positive currents flow into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com