Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2917 Datasheet HTML 1Page - NXP Semiconductors LPC2917 Datasheet HTML 2Page - NXP Semiconductors LPC2917 Datasheet HTML 3Page - NXP Semiconductors LPC2917 Datasheet HTML 4Page - NXP Semiconductors LPC2917 Datasheet HTML 5Page - NXP Semiconductors LPC2917 Datasheet HTML 6Page - NXP Semiconductors LPC2917 Datasheet HTML 7Page - NXP Semiconductors LPC2917 Datasheet HTML 8Page - NXP Semiconductors LPC2917 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
3 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
2.4 On-chip static RAM
In addition to the two 16 kB TCMs the LPC2917/19 includes two static RAM memories:
one of 32 kB and one of 16 kB. Both may be used for code and/or data storage. Each
internal SRAM has its own controller, so both memories can be accessed simultaneously
from different AHB system bus layers.
3.
Features
3.1 General
ARM968E-S processor at 80 MHz maximum
Multi-layer AHB system bus at 80 MHz with three separate layers
On-chip memory:
Two Tightly Coupled Memories (TCM), 16 kB Instruction (ITCM), 16 kB Data TCM
(DTCM)
Two separate internal Static RAM (SRAM) instances; 32 kB SRAM and 16 kB
SRAM
Up to 768 kB flash-program memory
Two-channel CAN controller supporting Full-CAN and extensive message filtering
Two LIN master controllers with full hardware support for LIN communication
Two 550 UARTs with 16-byte Tx and Rx FIFO depths
Three full-duplex Q-SPIs with four slave-select lines; 16 bits wide; 8 locations deep; Tx
FIFO and Rx FIFO
Four 32-bit timers each containing four capture-and-compare registers linked to I/Os
32-bit watchdog with timer change protection, running on safe clock.
Up to 108 general-purpose I/O pins with programmable pull-up, pull-down or bus
keeper
Vectored Interrupt Controller (VIC) with 16 priority levels
Two 8-channel 10-bit ADCs provide a total of up to 16 analog inputs, with conversion
times as low as 2.44
μs per channel. Each channel provides a compare function to
minimize interrupts
Up to 24 level-sensitive external interrupt pins, including CAN and LIN wake- up
features
External Static Memory Controller (SMC) with eight memory banks; up to 32-bit data
bus; up to 24-bit address bus
Processor wake-up from power-down via external interrupt pins; CAN or LIN activity
Flexible Reset Generator Unit (RGU) able to control resets of individual modules
Flexible Clock-Generation Unit (CGU) able to control clock frequency of individual
modules
On-chip very low-power ring oscillator; fixed frequency of 0.4 MHz; always on to
provide a Safe_Clock source for system monitoring
On-chip crystal oscillator with operating range from 10 MHz to 50 MHz - max. PLL
input 15 MHz
On-chip PLL allows CPU operation up to a maximum CPU rate of 80 MHz
Generation of up to 10 base clocks
Seven fractional dividers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com