Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 45Page - NXP Semiconductors LPC2917 Datasheet HTML 46Page - NXP Semiconductors LPC2917 Datasheet HTML 47Page - NXP Semiconductors LPC2917 Datasheet HTML 48Page - NXP Semiconductors LPC2917 Datasheet HTML 49Page - NXP Semiconductors LPC2917 Datasheet HTML 50Page - NXP Semiconductors LPC2917 Datasheet HTML 51Page - NXP Semiconductors LPC2917 Datasheet HTML 52Page - NXP Semiconductors LPC2917 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
49 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Table 27.
Branch clock overview
Legend:
"1" Indicates that the related register bit is tied off to logic HIGH, all writes are ignored
"0" Indicates that the related register bit is tied off to logic LOW, all writes are ignored
“+” Indicates that the related register bit is readable and writable
Branch Clock Name
Base Clock
Implemented Switch On/Off
Mechanism
WAKEUP
AUTO
RUN
CLK_SAFE
BASE_SAFE_CLK
0
0
1
CLK_SYS_CPU
BASE_SYS_CLK
+
+
1
CLK_SYS
BASE_SYS_CLK
+
+
1
CLK_SYS_PCR
BASE_SYS_CLK
+
+
1
CLK_SYS_FMC
BASE_SYS_CLK
+
+
+
CLK_SYS_RAM0
BASE_SYS_CLK
+
+
+
CLK_SYS_RAM1
BASE_SYS_CLK
+
+
+
CLK_SYS_SMC
BASE_SYS_CLK
+
+
+
CLK_SYS_GESS
BASE_SYS_CLK
+
+
+
CLK_SYS_VIC
BASE_SYS_CLK
+
+
+
CLK_SYS_PESS
BASE_SYS_CLK
+
+
+
CLK_SYS_GPIO0
BASE_SYS_CLK
+
+
+
CLK_SYS_GPIO1
BASE_SYS_CLK
+
+
+
CLK_SYS_GPIO2
BASE_SYS_CLK
+
+
+
CLK_SYS_GPIO3
BASE_SYS_CLK
+
+
+
CLK_SYS_IVNSS_A
BASE_SYS_CLK
+
+
+
CLK_SYS_MSCSS_A
BASE_SYS_CLK
+
+
+
CLK_SYS_CHCA
BASE_SYS_CLK
+
+
+
CLK_SYS_CHCB
BASE_SYS_CLK
+
+
+
CLK_PCR_SLOW
BASE_PCR_CLK
+
+
1
CLK_IVNSS_VPB
BASE_IVNSS_CLK
+
+
+
CLK_IVNSS_CANC0
BASE_IVNSS_CLK
+
+
+
CLK_IVNSS_CANC1
BASE_IVNSS_CLK
+
+
+
CLK_IVNSS_LIN0
BASE_IVNSS_CLK
+
+
+
CLK_IVNSS_LIN1
BASE_IVNSS_CLK
+
+
+
CLK_MSCSS_VPB
BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_MTMR0
BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_MTMR1
BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_PWM0
BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_PWM1
BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_PWM2
BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_PWM3
BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_ADC1_VPB BASE_MSCSS_CLK
+
+
+
CLK_MSCSS_ADC2_VPB BASE_MSCSS_CLK
+
+
+
CLK_UART0
BASE_UART_CLK
+
+
+
CLK_UART1
BASE_UART_CLK
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com