Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 22Page - NXP Semiconductors LPC2917 Datasheet HTML 23Page - NXP Semiconductors LPC2917 Datasheet HTML 24Page - NXP Semiconductors LPC2917 Datasheet HTML 25Page - NXP Semiconductors LPC2917 Datasheet HTML 26Page - NXP Semiconductors LPC2917 Datasheet HTML 27Page - NXP Semiconductors LPC2917 Datasheet HTML 28Page - NXP Semiconductors LPC2917 Datasheet HTML 29Page - NXP Semiconductors LPC2917 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
26 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
8.4.3.4
Timer clock description
The timer modules are clocked by two different clocks; CLK_SYS_PESS and CLK_TMRx
(x = 0-3), see Section 7.2.2. Note that each timer has its own CLK_TMRx branch clock for
power management. The frequency of all these clocks is identical as they are derived
from the same base clock BASE_CLK_TMR. The register interface towards the system
bus is clocked by CLK_SYS_PESS. The timer and prescale counters are clocked by
CLK_TMRx.
8.4.4 UARTs
8.4.4.1
Overview
The LPC2917/19 contains two identical UARTs located at different peripheral base
addresses. The key features are:
• 16-byte receive and transmit FIFOs
• Registers conform to industry standard 550
• Receiver FIFO trigger points at 1 byte, 4 bytes, 8 bytes and 14 bytes
• Built-in baud-rate generator
8.4.4.2
Description
The UART is commonly used to implement a serial interface such as RS232. The
LPC2917/19 contains two industry-standard 550 UARTs with 16-byte transmit and receive
FIFOs, but they can also be put into 450 mode without FIFOs.
8.4.4.3
UART pin description
The two UARTs in the LPC2917/19 have the following pins. The UART pins are combined
with other functions on the port pins of the LPC2917/19. Table 15 shows the UART pins (x
runs from 0 to 1).
Table 14.
Timer pins
Symbol
Direction
Description
TIMERx CAP[0]
IN
TIMER x capture input 0
TIMERx CAP[1]
IN
TIMER x capture input 1
TIMERx CAP[2]
IN
TIMER x capture input 2
TIMERx CAP[3]
IN
TIMER x capture input 3
TIMERx MAT[0]
OUT
TIMER x match output 0
TIMERx MAT[1]
OUT
TIMER x match output 1
TIMERx MAT[2]
OUT
TIMER x match output 2
TIMERx MAT[3]
OUT
TIMER x match output 3
Table 15.
UART pins
Symbol
Direction
Description
UARTx TXD
out
UART channel x transmit data output
UARTx RXD
in
UART channel x receive data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com