Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2917 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC2917
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2917 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC2917 Datasheet HTML 23Page - NXP Semiconductors LPC2917 Datasheet HTML 24Page - NXP Semiconductors LPC2917 Datasheet HTML 25Page - NXP Semiconductors LPC2917 Datasheet HTML 26Page - NXP Semiconductors LPC2917 Datasheet HTML 27Page - NXP Semiconductors LPC2917 Datasheet HTML 28Page - NXP Semiconductors LPC2917 Datasheet HTML 29Page - NXP Semiconductors LPC2917 Datasheet HTML 30Page - NXP Semiconductors LPC2917 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
27 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
8.4.4.4
UART clock description
The UART modules are clocked by two different clocks; CLK_SYS_PESS and
CLK_UARTx (x = 0-1), see Section 7.2.2. Note that each UART has its own CLK_UARTx
branch clock for power management. The frequency of all CLK_UARTx clocks is identical
since they are derived from the same base clock BASE_CLK_UART. The register
interface towards the system bus is clocked by CLK_SYS_PESS. The baud generator is
clocked by the CLK_UARTx.
8.4.5 Serial peripheral interface
8.4.5.1
Overview
The LPC2917/19 contains three Serial Peripheral Interface modules (SPIs) to allow
synchronous serial communication with slave or master peripherals.
The key features are:
Master or slave operation
Supports up to four slaves in sequential multi-slave operation
Supports timer-triggered operation
Programmable clock bit rate and prescale based on SPI source clock
(BASE_SPI_CLK), independent of system clock
Separate transmit and receive FIFO memory buffers; 16 bits wide, 32 locations deep
Programmable choice of interface operation: Motorola SPI or Texas Instruments
Synchronous Serial Interfaces
Programmable data-frame size from 4 to 16 bits
Independent masking of transmit FIFO, receive FIFO and receive overrun interrupts
Serial clock-rate master mode: fserial_clk ≤ fCLK(SPI)*/2
Serial clock-rate slave mode: fserial_clk = fCLK(SPI)*/4
Internal loopback test mode
8.4.5.2
Functional description
The SPI module is a master or slave interface for synchronous serial communication with
peripheral devices that have either Motorola SPI or Texas Instruments Synchronous
Serial Interfaces.
The SPI module performs serial-to-parallel conversion on data received from a peripheral
device. The transmit and receive paths are buffered with FIFO memories (16 bits wide x
32 words deep). Serial data is transmitted on SPI_TxD and received on SPI_RxD.
The SPI module includes a programmable bit-rate clock divider and prescaler to generate
the SPI serial clock from the input clock CLK_SPIx.
The SPI module’s operating mode, frame format, and word size are programmed through
the SLVn_SETTINGS registers.
A single combined interrupt request SPI_INTREQ output is asserted if any of the
interrupts are asserted and unmasked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com