Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
-1.5
-1
-0.5
0
0.5
1
1.5
0.8
1.2
1.6
2.4
2.8
REFERENCE VOLTAGE, V
1
1.4
2
2.6
3
-DNL
-INL
+INL
+DNL
-3
-2
-1
0
1
2
3
35
40
45
50
55
60
65
CLOCK DUTY CYCLE
+INL
-INL
-DNL
+DNL
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
5
20
40
50
55
CLOCK FREQUENCY (MHz)
-DNL
+INL
+DNL
-INL
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VA/V_DR
4.5/
4.5
4.75/
4.75
5.0/
2.5
5.0/
3.0
5.0/
4.0
5.0/
5.0
5.25/
5.25
5.5/
5.5
+INL
-DNL
-INL
+DNL
OUTPUT CODE
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
1024
2048
3072
4096
-1
-0.5
0
0.5
1
0
1024
2048
3072
4096
OUTPUT CODE
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
Typical Performance Characteristics
VA = VD = 5V, VDR = 3V, fCLK = 40 MHz, fIN = 10 MHz unless otherwise stated
DNL
INL
Figure 5.
Figure 6.
INL & DNL
DNL & INL
vs.
vs.
Supply Voltage
Clock Frequency
Figure 7.
Figure 8.
DNL & INL
DNL & INL
vs.
vs.
Clock Duty Cycle
Reference Voltage
Figure 9.
Figure 10.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com