Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
INTEGRAL NON LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
negative full scale (½ LSB below the first code transition) through positive full scale (½ LSB above the last code
transition). The deviation of any given code from this straight line is measured from the center of that code value.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the power in
the intermodulation products to the total power in the original frequencies. IMD is usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the smallest value or weight of all bits. This value is VREF /
2n, where “n” is the ADC resolution in bits, which is 12 in the case of the ADC12D040.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC12D040 is
guaranteed not to have any missing codes.
MSB (MOST SIGNIFICANT BIT) is the bit that has the largest value or weight. Its value is one half of full scale.
NEGATIVE FULL SCALE ERROR is the difference between the actual first code transition and its ideal value of
½ LSB above negative full scale.
OFFSET ERROR is the difference between the two input voltages (VIN+ –VIN−) required to cause a transition
from code 2047 to 2048.
OUTPUT DELAY is the time delay after the rising edge of the clock before the data update is presented at the
output pins.
OVER RANGE RECOVERY TIME is the time required after VIN goes from a specified voltage out of the normal
input range to a specified voltage within the normal input range and the converter makes a conversion with its
rated accuracy.
PIPELINE DELAY (LATENCY) is the number of clock cycles between initiation of conversion and when that data
is presented to the output driver stage. Data for any given sample is available at the output pins the Pipeline
Delay plus the Output Delay after the sample is taken. New data is available at every clock cycle, but the data
lags the conversion by the pipeline delay.
POSITIVE FULL SCALE ERROR is the difference between the actual last code transition and its ideal value of
1½ LSB below positive full scale.
POWER SUPPLY REJECTION RATIO (PSRR) is a measure of how well the ADC rejects a change in the power
supply voltage. For the ADC12D040, PSRR1 is the ratio of the change in Full-Scale Error that results from a
change in the d.c. power supply voltage, expressed in dB. PSRR2 is a measure of how well an a.c. signal riding
upon the power supply is rejected at the output.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms
value of the sum of all other spectral components below one-half the sampling frequency, not including
harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral components below half the clock frequency, including
harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
input signal and the peak spurious signal, where a spurious signal is any signal present in the output spectrum
that is not present at the input.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com