Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
Since ADC noise increases with increased output capacitance at the digital output pins, do not use the TRI-
STATE outputs of the ADC12L066 to drive a bus. Rather, each output pin should be located close to and drive a
single digital input pin. To further reduce ADC noise, a 100
Ω resistor in series with each ADC digital output pin,
located close to their respective pins, should be added to the circuit.
The PD Pin
The PD pin, when high, holds the ADC12D040 in a power-down mode to conserve power when the converter is
not being used. The power consumption in this state is 75 mW with a 40 MHz clock and 40mW if the clock is
stopped when PD is high. The output data pins are undefined in the power down mode and the data in the
pipeline is corrupted while in the power down mode.
The Power Down Mode Exit Cycle time is determined by the value of the capacitors on pins 4, 5, 6, 12, 13 and
14. These capacitors loose their charge in the Power Down mode and must be recharged by on-chip circuitry
before conversions can be accurate. Smaller capacitor values allow faster recovery from the power down mode,
but can result in a reduction in SNR, SINAD and ENOB performance.
The OF Pin
The output data format is offset binary when the OF pin is at a logic low or 2’s complement when the OF pin is at
a logic high. While the sense of this pin may be changed "on the fly," doing this is not recommended as the
output data could be erroneous for a few clock cycles after this change is made.
The INT/EXT REF Pin
The INT/EXT REF pin determines whether the internal reference or an external reference voltage is used. With
this pin at a logic low, the internal 2.0V reference is in use. With this pin at a logic high an external reference
must be applied to the VREF pin, which should then be bypassed to ground. There is no need to bypass the VREF
pin when the internal reference is used. There is no access to the internal reference voltage, but its value is
approximately equal to VRP − VRN. See Reference Pins
DATA OUTPUT PINS
The ADC12D040 has 24 TTL/CMOS compatible Data Output pins. Valid data is present at these outputs while
the OE and PD pins are low. While the tOD time provides information about output timing, tOD will change with a
change of clock frequency. At the rated 40 MHz clock rate, the data transition is about 6 to 10 ns after the rise of
the clock and about 4 to 10 ns before the fall of the clock (depending upon VDR), so either clock edge may be
used to capture data, depending upon the data setup time of the circuit accepting the data. Also, circuit board
layout will affect relative delays of the clock and data, so it is important to consider these relative delays when
designing the digital interface. At sample frequencies below 40 MHz, there is a longer time between data
transition and the fall of the clock, so that the falling edge of the clock is generally the best edge to use for output
data capture at low sample rates.
Be very careful when driving a high capacitance bus. The more capacitance the output drivers must charge for
each conversion, the more instantaneous digital current flows through VDR and DR GND. These large charging
current spikes can cause on-chip ground noise and couple into the analog circuitry, degrading dynamic
performance. Adequate bypassing, limiting output capacitance and careful attention to the ground plane will
reduce this problem. Additionally, bus capacitance beyond the specified 20 pF/pin will cause tOD to increase,
making it difficult to properly latch the ADC output data. The result could be an apparent reduction in dynamic
performance.
To minimize noise due to output switching, minimize the load currents at the digital outputs. This can be done by
connecting buffers (74AC541, for example) between the ADC outputs and any other circuitry. Only one driven
input should be connected to each output pin. Additionally, inserting series resistors of about 100
Ω at the digital
outputs, close to the ADC pins, will isolate the outputs from trace and other circuit capacitances and limit the
output currents, which could otherwise result in performance degradation. See Figure 31.
Note that, although the ADC12D040 has Tri-State outputs, these outputs should not be used to drive a bus and
the charging and discharging of large capacitances can degrade SNR performance. Each output pin should drive
only one pin of a receiving device and the interconnecting lines should be as short as practical.
22
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com