Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = VD, VREF = +2.0V,OEA, OEB = 0V, fCLK = 40 MHz, tr = tf = 3 ns, CL = 20 pF/pin. Boldface limits
apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)(3)(4)
Typical
Limits
Units
Symbol
Parameter
Conditions
(5)
(5)
(Limits)
tDIS
Data outputs into TRI-STATE Mode
4
ns
tEN
Data Outputs Active after TRI-STATE
4
ns
tPD
Power Down Mode Exit Cycle
500
ns
Figure 2.
Specification Definitions
APERTURE DELAY is the time after the rising edge of the clock to when the input signal is acquired or held for
conversion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the variation in aperture delay from sample to sample.
Aperture jitter manifests itself as noise in the output.
CLOCK DUTY CYCLE is the ratio of the time during one cycle that a repetitive digital waveform is high to the
total time of one period. The specification here refers to the ADC clock input signal.
COMMON MODE VOLTAGE (VCM) is the d.c. potential present at both signal inputs to the ADC.
CONVERSION LATENCY See PIPELINE DELAY.
CROSSTALK is coupling of energy from one channel into the other channel.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated as:
Gain Error = Positive Full Scale Error
− Negative Full-Scale Error
(1)
Gain Error can also be separated into Positive Gain Error and Negative Gain Error, which are.
PGE = Positive Full-Scale Error
− Offset Error
(2)
NGE = Offset Error
− Negative Full-Scale Error
(3)
GAIN ERROR MATCHING is the difference in gain errors between the two converters divided by the average
gain of the converters.
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com