Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
0
2
4
6
8
10 12 14 16 18 20
Fundamental
9.95 MHz
10
-10
0
-20
-30
-40
-50
-60
-70
-80
-120
-110
-100
-90
SINAD: 68.452
SNR: 68.83
THD: -79.241
SFDR: 80.201
ENOB: 11.078
H 4
200.195 kHz
H 3
SFDR
10.15 MHz
H 5
9.75 MHz
H 7
10.35 MHz
H 2
19.9 MHz
H 6
19.7 MHz
Fundamental
9.95 MHz
SINAD: 68.452
SNR: 68.83
THD: -79.241
SFDR: 80.201
ENOB: 11.078
H 4
200.195 kHz
H 3
SFDR
10.15 MHz
H 5
9.75 MHz
H 7
10.35 MHz
H 2
19.9 MHz
H 6
19.7 MHz
FREQUENCY, MHz
0
2
4
6
8
10
12 14 16 18 20
600.586 kHz
9.6 MHz
19.8 MHz
10
-10
0
-20
-30
-40
-50
-60
-70
-80
-120
-110
-100
-90
10.2 MHz
IMD -85.837
FREQUENCY, MHz
60 MSPS
400
450
500
550
600
650
700
750
-40
25
85
TEMPERATURE, °C
40 MSPS
45 MSPS
50 MSPS
55 MSPS
10 MSPS
5 MSPS
30 MSPS
20 MSPS
10
-10
0
-20
-30
-40
-50
-60
-70
-80
-120
-110
-100
-90
0
2
4
6
8
10 12 14 16 18 20
Fundamental
9.95 MHz
SINAD: 68.569
SNR: 68.894
THD: -79.989
SFDR: 81.384
ENOB: 11.098
H 4
200.195 kHz
H 5
9.75 MHz
H 2
19.9 MHz
H 6
19.7 MHz
H 3
SFDR
10.15 MHz
H 7
10.35 MHz
FREQUENCY, MHz
400
450
500
550
600
650
700
750
800
0.8
1
1.2 1.4 1.6
2
2.4 2.6 2.8
3
VREF, V
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VA = VD = 5V, VDR = 3V, fCLK = 40 MHz, fIN = 10 MHz unless otherwise stated
Distortion
Power Consumption
vs.Temperature
vs.Reference Voltage
Figure 23.
Figure 24.
Power Consumption
vs.
Spectral Response @ Fin = 9.95 MHz,
Temperature
FCLK = 40 MHz
Figure 25.
Figure 26.
IMD Response Fin = 9.6 MHz, 10.2 MHz,
Crosstalk Response Fin = 9.95 MHz,
FCLK = 40 MHz
FCROSSTALK = 15 MHz, FCLK = 40 MHz
Figure 27.
Figure 28.
16
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com