Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA VD +5V, VDR +3.0V, PD
= 0V, INT/EXT = VD, VREF = +2.0V,OEA, OEB = 0V, fCLK = 40 MHz, tr = tf = 3 ns, CL = 20 pF/pin. Boldface limits apply for TJ
= TMIN to TMAX: all other limits TJ = 25°C
(1)(2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
REFERENCE AND ANALOG INPUT CHARACTERISTICS
(CLK LOW)
8
pF
CIN
VIN Input Capacitance (each pin to GND)
VIN = 2.5 Vdc + 0.7 Vrms
(CLK HIGH)
7
pF
1.0
V (min)
VREF
Input Reference Voltage(5)
2.00
2.4
V (max)
RREF
Reference Input Resistance
100
M
Ω (min)
0
V (min)
VIN
Analog Input Voltage Range
4
V (max)
(5)
Optimum performance will be obtained by keeping the reference input in the 1.8V to 2.4V range. The LM4051CIM3-ADJ (SOT23
package) is recommended for this application.
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = VD, VREF = +2.0V,OEA, OEB = 0V, fCLK = 40 MHz, tr = tf = 3 ns, CL = 20 pF/pin. Boldface limits
apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
CLK, PD, OE DIGITAL INPUT CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
VD = 5.25V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 4.75V
1.0
V (max)
IIN(1)
Logical “1” Input Current
VIN = 5.0V
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited, see Note 4 in the Absolute Maximum Ratings table. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is 4.75V, the full-scale input voltage must be ≤4.85V to ensure
accurate conversions (see Figure 2).
(2)
To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +2.0V (4VP-P differential input), the 12-bit LSB is 977 µV.
(4)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to AOQL (Average
Outgoing Quality Level).
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com