Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
Operating on a single +5V supply, the ADC12D040 uses a pipeline architecture and has error correction circuitry
to help ensure maximum performance. The differential analog input signal is digitized to 12 bits and the reference
input is buffered to ease the task of driving that pin.
The output word rate is the same as the clock frequency, which can be between 100 ksps (typical) and 40 Msps
with fully specified performance at 40 Msps. The analog input voltage for both channels is acquired at the rising
edge of the clock and the digital data for a given sample is delayed by the pipeline for 6 clock cycles. A choice of
Offset Binary or Two's Complement output format is selected with the OF pin.
A logic high on the power down (PD) pin reduces the converter power consumption to 75 mW.
APPLICATIONS INFORMATION
OPERATING CONDITIONS
We recommend that the following conditions be observed for operation of the ADC12D040:
4.75V
≤ VA ≤ 5.25V
VD = VA
2.35V
≤ VDR ≤ VD
VREF/2 ≤ VCM ≤ VA - VREF
100 kHz
≤ fCLK ≤ 40 MHz
1.0V
≤ VREF ≤ 2.4V
Analog Inputs
The ADC12D040 has two analog signal inputs, VIN+ and VIN−. These two pins form a differential input pair. There
is one reference input pin, VREF.
The analog input circuitry contains an input boost circuit that provides improved linearity over a wide range of
analog input voltages. To prevent an on-chip over voltage condition that could impair device reliability, the input
signal should never exceed the voltage described as
VA - VREF/2.
(5)
Reference Pins
The ADC12D040 is designed to operate with a 2.0V reference, but performs well with reference voltages in the
range of 1.0V to 2.4V. Lower reference voltages will decrease the signal-to-noise ratio (SNR) of the ADC12D040.
Increasing the reference voltage (and the input signal swing) beyond 2.4V may degrade THD for a full-scale input
especially at higher input frequencies. It is important that all grounds associated with the reference voltage and
the input signal make connection to the analog ground plane at a single point in that plane to minimize the
effects of noise currents in the ground path.
The ADC12040 will perform well with reference voltages up to 2.4V for full-scale input frequencies up to 10 MHz.
However, more headroom is needed as the input frequency increases, so the maximum reference voltage (and
input swing) will decrease for higher full-scale input frequencies.
The six Reference Bypass Pins (VRPA, VRMA, VRNA, VRPB, VRMB and VRNB) are made available for bypass
purposes. These pins should each be bypassed to ground with a 0.1 µF capacitor. Smaller capacitor values will
allow faster recovery from the power down mode, but may result in degraded noise performance. DO NOT LOAD
these pins. Loading any of these pins may result in performance degradation.
The nominal voltages for the reference bypass pins are as follows:
VRMA = VRMB = VA / 2
VRPA = VRPB = VRM + VREF / 2
VRNA = VRNB = VRM − VREF / 2
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com