Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
DC and Logic Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = VD, VREF = +2.0V,OEA, OEB = 0V, fCLK = 40 MHz, tr = tf = 3 ns, CL = 20 pF/pin. Boldface limits
apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)(3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
D0–D11 DIGITAL OUTPUT CHARACTERISTICS
VDR = 2.5V
2.3
V (min)
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA
VDR = 3V
2.7
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA, VDR = 3V
0.4
V (max)
VOUT = 2.5V or 5V
100
nA
IOZ
TRI-STATE Output Current
VOUT = 0V
−100
nA
+ISC
Output Short Circuit Source Current
VOUT = 0V
−20
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
20
mA
COUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
PD Pin = DGND, VREF = 2.0V
93
110
mA (max)
IA
Analog Supply Current
PD Pin = VDR
15
mA
PD Pin = DGND
16
18
mA (max)
ID
Digital Supply Current
PD Pin = VDR
0
mA
PD Pin = DGND, CL = 0 pF
(5)
10.5
12
mA (max)
IDR
Digital Output Supply Current
PD Pin = VDR
0
mA
PD Pin = DGND, CL = 0 pF
(6)
600
700
mW
Total Power Consumption
PD Pin = VDR
75
mW
Rejection of Full-Scale Error with
PSRR1
Power Supply Rejection
56
dB
VA = 4.75V vs. 5.25V
(5)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x
f11) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
(6)
Excludes IDR. See
(6).
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = VD, VREF = +2.0V,OEA, OEB = 0V, fCLK = 40 MHz, tr = tf = 3 ns, CL = 20 pF/pin. Boldface limits
apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3) (4)
Typical
Limits
Units
Symbol
Parameter
Conditions
(5)
(5)
(Limits)
fCLK1
Maximum Clock Frequency
40
MHz (min)
fCLK2
Minimum Clock Frequency
100
kHz
tCH
Clock High Time
9
ns
tCL
Clock Low Time
9
ns
tCONV
Conversion Latency
6
Clock Cycles
tOD
Data Output Delay after Rising CLK Edge VDR = 3.0V
10
17.5
ns (max)
tAD
Aperture Delay
1.2
ns
tAJ
Aperture Jitter
2
ps rms
tHOLD
Clock Edge to Data Transition
8
ns
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited, see Note 4 in the Absolute Maximum Ratings table. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is 4.75V, the full-scale input voltage must be ≤4.85V to ensure
accurate conversions (see Figure 2).
(2)
To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +2.0V (4VP-P differential input), the 12-bit LSB is 977 µV.
(4)
Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
(5)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to AOQL (Average
Outgoing Quality Level).
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com