Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  ADC12D040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DGND
VA
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
Non-Inverting analog signal Inputs. With a 2.0V reference the full-
15
VINA+
scale input signal level is 2.0 VP-P on each pin of the input pair,
2
VINB+
centered on a common VCM.
Inverting analog signal Input. With a 2.0V reference the full-scale
input signal level is 2.0 VP-P on each pin of the input pair, centered
16
VINA−
on a common VCM. These (-) input pins may be connected to a
1
VINB−
common VCM for single-ended operation, but a differential input
signal is required for best performance.
Reference input. This pin should be bypassed to AGND with a 0.1
7
VREF
µF monolithic capacitor when external reference is used. VREF is
2.0V nominal and should be between 1.0V to 2.4V.
VREF select pin. With a logic low at this pin the internal 2.0V
11
INT/EXT REF
reference is selected. With a logic high on this pin an external
reference voltage must be applied to VREF input pin 7.
13
VRPA
5
VRPB
14
VRMA
4
VRMB
These pins are high impedance reference bypass pins only. Connect
a 0.1 µF capacitor from each of these pins to AGND. DO NOT LOAD
these pins.
12
VRNA
6
VRNB
DIGITAL I/O
Digital clock input. The range of frequencies for this input is 100 kHz
60
CLK
to 55 MHz (typical) with guaranteed performance at 40 MHz. The
input is sampled on the rising edge of this input.
OEA and OEB are the output enable pins that, when low, enables
22
OEA
their respective TRI-STATE data output pins. When either of these
41
OEB
pins is high, the corresponding outputs are in a high impedance
state.
PD is the Power Down input pin. When high, this input puts the
59
PD
converter into the power down mode. When this pin is low, the
converter is in the active mode.
Output Format pin. A logic low on this pin causes output data to be
21
OF
in offset binary format. A logic high on this pin causes the output
data to be in 2’s complement format.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com