Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
POWER SUPPLY CONSIDERATIONS
The power supply pins should be bypassed with a 10 µF capacitor and with a 0.1 µF ceramic chip capacitor
within a centimeter of each power pin. Leadless chip capacitors are preferred because they have low series
inductance.
As is the case with all high-speed converters, the ADC12D040 is sensitive to power supply noise. Accordingly,
the noise on the analog supply pin should be kept below 100 mVP-P.
No pin should ever have a voltage on it that is in excess of the supply voltages, not even on a transient basis. Be
especially careful of this during turn on and turn off of power.
The VDR pin provides power for the output drivers and may be operated from a supply in the range of 2.35V to
VD (nominal 5V). This can simplify interfacing to low voltage devices and systems. Note, however, that tOD
increases with reduced VDR. DO NOT operate the VDR pin at a voltage higher than VD.
LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are essential to ensure accurate conversion. Maintaining
separate analog and digital areas of the board, with the ADC12D040 between these areas, is required to achieve
specified performance.
The ground return for the data outputs (DR GND) carries the ground current for the output drivers. The output
current can exhibit high transients that could add noise to the conversion process. To prevent this from
happening, the DR GND pins should NOT be connected to system ground in close proximity to any of the
ADC12D040's other ground pins.
Capacitive coupling between the typically noisy digital circuitry and the sensitive analog circuitry can lead to poor
performance. The solution is to keep the analog circuitry separated from the digital circuitry, and to keep the
clock line as short as possible.
The effects of the noise generated from the ADC output switching can be minimized through the use of 100
Ω
resistors in series with each data output line. Locate these resistors as close to the ADC output pins as possible.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com