Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
If the amplifier exhibits overshoot, ringing, or any evidence of instability, even at a very low level, it will degrade
performance. A small series resistor at each amplifier output and a capacitor across the analog inputs (as shown
in Figure 32) will improve performance. The LMH6702 and the LMH6628 have been successfully used to drive
the analog inputs of the ADC12D040.
Also, it is important that the signals at the two inputs have exactly the same amplitude and be exactly 180º out of
phase with each other. Board layout, especially equality of the length of the two traces to the input pins, will
affect the effective phase between these two signals. Remember that an operational amplifier operated in the
non-inverting configuration will exhibit more time delay than will the same device operating in the inverting
configuration.
Operating with the reference pins outside of the specified range. As mentioned in Reference Pins, VREF
should be in the range of
1.0V
≤ VREF ≤ 2.4V
(10)
Operating outside of these limits could lead to performance degradation.
Using a clock source with excessive jitter, using excessively long clock signal trace, or having other
signals coupled to the clock signal trace. This will cause the sampling interval to vary, causing excessive
output noise and a reduction in SNR and SINAD performance.
26
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com