Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC12D040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Check for Samples: ADC12D040
1
FEATURES
DESCRIPTION
The ADC12D040 is a dual, low power monolithic
2
•
Binary or 2’s Complement Output Format
CMOS
analog-to-digital
converter
capable
of
•
Single Supply Operation
converting analog input signals into 12-bit digital
•
Internal Sample-and-Hold
words at 40 Megasamples per second (Msps),
minimum. This converter uses a differential, pipeline
•
Outputs 2.4V to 5V Compatible
architecture with digital error correction and an on-
•
Power Down Mode
chip sample-and-hold circuit to minimize die size and
•
Pin-Compatible with ADC12DL066
power consumption while providing excellent dynamic
performance. Operating on a single 5V power supply,
•
Internal/External Reference
the ADC12D040 achieves 10.9 effective bits at 10
MHz input and consumes just 600 mW at 40 Msps,
APPLICATIONS
including the reference current. The Power Down
•
Ultrasound and Imaging
feature reduces power consumption to 75 mW.
•
Instrumentation
The differential inputs provide a full scale differential
•
Communications Receivers
input swing equal to 2VREF with the possibility of a
single-ended input. Full use of the differential input is
•
Sonar/Radar
recommended for optimum performance. The digital
•
xDSL
outputs for the two ADCs are available on separate
•
Cable Modems
12-bit buses with an output data format choice of
offset binary or 2’s complement.
KEY SPECIFICATIONS
For ease of interface, the digital output driver power
•
SNR (fIN = 10 MHz): 68 dB (typ)
pins of the ADC12D040 can be connected to a
separate supply voltage in the range of 2.4V to the
•
ENOB (fIN = 10 MHz): 10.9 bits (typ)
digital supply voltage, making the outputs compatible
•
SFDR (fIN = 10 MHz): 80 dB (typ)
with low voltage systems. The ADC12D040’s speed,
•
Data Latency: 6 Clock Cycles
resolution and single supply operation make it well
suited for a variety of applications.
•
Supply Voltage: +5V ±5%
•
Power Consumption, Operating
This device is available in the 64-lead TQFP package
and will operate over the industrial temperature range
–
(Operating): 600 mW (typ)
of
−40°C to +85°C. An evaluation board is available
–
(Power Down Mode): 75 mW (typ)
to facilitate the product evaluation process
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12D040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D040CIVS/NOPB TI1-ADC12D040CIVS/NOPB Datasheet
1Mb / 31P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
More results

Similar Description - ADC12D040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
02 2000
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12D040 NSC-ADC12D040_05 Datasheet
990Kb / 22P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com