Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADC12D040
SNAS171E – JUNE 2002 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
VA, VD, VDR
6.5V
VDR
VD + 0.3V
|VA–VD|
≤ 100 mV
Voltage on Any Input or Output Pin
−0.3V to (VA or VD +0.3V)
Input Current at Any Pin(4)
±25 mA
Package Input Current(4)
±50 mA
Package Dissipation at TA = 25°C
See (5)
ESD Susceptibility(6)
Human Body Model
2500V
Machine Model
250V
Soldering Temperature, Infrared, 10 sec.(7)
235°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = AGND = DGND DR GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies
with an input current of 25 mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature, (TA), and can be calculated using the formula
PDMAX = (TJmax - TA )/θJA. The values for maximum power dissipation listed above will be reached only when the device is operated in
a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is
reversed). Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
(7)
The 235°C reflow temperature refers to infrared reflow. For Vapor Phase Reflow (VPR), the following Conditions apply: Maintain the
temperature at the top of the package body above 183°C for a minimum 60 seconds. The temperature measured on the package body
must not exceed 220°C. Only one excursion above 183°C is allowed per reflow cycle.
Operating Ratings
(1) (2)
Operating Temperature
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA, VD)
+4.75V to +5.25V
Output Driver Supply (VDR)
+2.35V to VD
VREF Input
1.0V to 2.4V
CLK, PD, OE
−0.5V to (VD + 0.5V)
Analog Input Pins
−0V to (VA − 0.5V)
Input Common Mode Voltage (VCM)
VREF/2 to VA − VREF
|AGND–DGND|
≤100mV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = AGND = DGND DR GND = 0V, unless otherwise specified.
Package Thermal Resistance
Package
θJ-A
64-Lead TQFP
50°C / W
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com