Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 2 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 2 Page - Texas Instruments

  SNLS059E Datasheet HTML 1Page - Texas Instruments SNLS059E Datasheet HTML 2Page - Texas Instruments SNLS059E Datasheet HTML 3Page - Texas Instruments SNLS059E Datasheet HTML 4Page - Texas Instruments SNLS059E Datasheet HTML 5Page - Texas Instruments SNLS059E Datasheet HTML 6Page - Texas Instruments SNLS059E Datasheet HTML 7Page - Texas Instruments SNLS059E Datasheet HTML 8Page - Texas Instruments SNLS059E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
© 2005 National Semiconductor Corporation
www.national.com
September 2005
DP83815
10/100 Mb/s Integrated PCI Ethernet Media Access
Controller and Physical Layer (MacPhyter™)
General Description
DP83815 is a single-chip 10/100 Mb/s Ethernet Controller
for the PCI bus. It is targeted at low-cost, high volume PC
mother boards, adapter cards, and embedded systems.
The DP83815 fully implements the V2.2 33 MHz PCI bus
interface for host communications with power management
support. Packet descriptors and data are transferred via
bus-mastering, reducing the burden on the host CPU. The
DP83815 can support full duplex 10/100 Mb/s transmission
and reception, with minimum interframe gap.
The DP83815 device is an integration of an enhanced
version of the National Semiconductor PCI MAC/BIU
(Media Access Controller/Bus Interface Unit) and a 3.3V
CMOS physical layer interface.
Features
— IEEE 802.3 Compliant, PCI V2.2 MAC/BIU supports
traditional data rates of 10 Mb/s Ethernet and 100 Mb/s
Fast Ethernet (via internal phy)
— Bus master - burst sizes of up to 128 dwords (512 bytes)
— BIU compliant with PC 97 and PC 98 Hardware Design
Guides, PC 99 Hardware Design Guide draft, ACPI v1.0,
PCI Power Management Specification v1.1, OnNow
Device
Class
Power
Management
Reference
Specification - Network Device Class v1.0a
— Wake on LAN (WOL) support compliant with PC98,
PC99, SecureOn, and OnNow, including directed
packets, Magic Packet
, VLAN packets, ARP packets,
pattern match packets, and Phy status change
— Clkrun function for PCI Mobile Design Guide
— Virtual LAN (VLAN) and long frame support
— Support for IEEE 802.3x Full duplex flow control
— Extremely flexible Rx packet filtration including: single
address perfect filter with MSb masking, broadcast, 512
entry multicast/unicast hash table, deep packet pattern
matching for up to 4 unique patterns
— Statistics gathered for support of RFC 1213 (MIB II),
RFC 1398 (Ether-like MIB), IEEE 802.3 LME, reducing
CPU overhead for management
— Internal 2 KB Transmit and 2 KB Receive data FIFOs
— Serial EEPROM port with auto-load of configuration data
from EEPROM at power-on
— Flash/PROM interface for remote boot support
— Fully integrated IEEE 802.3/802.3u 3.3V CMOS physical
layer
— IEEE 802.3 10BASE-T transceiver with integrated filters
— IEEE 802.3u 100BASE-TX transceiver
— Fully integrated ANSI X3.263 compliant TP-PMD
physical sublayer with adaptive equalization and
Baseline Wander compensation
— IEEE 802.3u Auto-Negotiation - advertised features
configurable via EEPROM
— Full Duplex support for 10 and 100 Mb/s data rates
— Single 25 MHz reference clock
— 144-pin LQFP and 160-pin LBGA packages
— Low power 3.3V CMOS design with typical consumption
of 561 mW operating, 380 mW during WOL mode, 33
mW sleep mode
— IEEE 802.3u MII for connecting alternative external
Physical Layer Devices
System Diagram
PCI Bus
DP83815
EEPROM
Isolation
10/100 Twisted Pair
BIOS ROM
(optional) (optional)
Magic Packet
 is a trademark of Advanced Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com