Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 49 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 49 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 45Page - Texas Instruments SNLS059E Datasheet HTML 46Page - Texas Instruments SNLS059E Datasheet HTML 47Page - Texas Instruments SNLS059E Datasheet HTML 48Page - Texas Instruments SNLS059E Datasheet HTML 49Page - Texas Instruments SNLS059E Datasheet HTML 50Page - Texas Instruments SNLS059E Datasheet HTML 51Page - Texas Instruments SNLS059E Datasheet HTML 52Page - Texas Instruments SNLS059E Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
48
www.national.com
4.0 Register Set (Continued)
Bit
Bit Name
Description
20
RTABT
Received Target Abort
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
19-17
unused
16
RXSOVR
Rx Status FIFO Overrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
15
HIERR
High Bits Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
14
PHY
Phy interrupt
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
13
PME
Power Management Event
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
12
SWI
Software Interrupt
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
11
MIB
MIB Service
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
10
TXURN
Tx Underrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
9
TXIDLE
Tx Idle
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
8
TXERR
Tx Packet Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
7
TXDESC
Tx Descriptor
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
6
TXOK
Tx Packet OK
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
5
RXORN
Rx Overrun
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
4
RXIDLE
Rx Idle
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
3
RXEARLY
Rx Early Threshold
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
2
RXERR
Rx Packet Error
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
1
RXDESC
Rx Descriptor
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.
0
RXOK
Rx OK
When this bit is 0, the corresponding bit in the ISR will not cause an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com