Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 41 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 41 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 37Page - Texas Instruments SNLS059E Datasheet HTML 38Page - Texas Instruments SNLS059E Datasheet HTML 39Page - Texas Instruments SNLS059E Datasheet HTML 40Page - Texas Instruments SNLS059E Datasheet HTML 41Page - Texas Instruments SNLS059E Datasheet HTML 42Page - Texas Instruments SNLS059E Datasheet HTML 43Page - Texas Instruments SNLS059E Datasheet HTML 44Page - Texas Instruments SNLS059E Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
40
www.national.com
4.0 Register Set (Continued)
4.2 Operational Registers
The DP83815 provides the following set of operational registers mapped into PCI memory space or I/O space. Writes to
reserved register locations are ignored. Reads to reserved register locations return undefined values.
Table 4-2 Operational Register Map
Offset
Tag
Description
Access
MAC/BIU Registers
00h
CR
Command Register
R/W
04h
CFG
Configuration Register
R/W
08h
MEAR
EEPROM Access Register
R/W
0Ch
PTSCR
PCI Test Control Register
R/W
10h
ISR
Interrupt Status Register
RO
14h
IMR
Interrupt Mask Register
R/W
18h
IER
Interrupt Enable Register
R/W
1Ch
Reserved
20h
TXDP
Transmit Descriptor Pointer Register
R/W
24h
TXCFG
Transmit Configuration Register
R/W
28-2Ch
Reserved
30h
RXDP
Receive Descriptor Pointer Register
R/W
34h
RXCFG
Receive Configuration Register
R/W
38
Reserved
3Ch
CCSR
CLKRUN Control/Status Register
R/W
40h
WCSR
Wake on LAN Control/Status Register
R/W
44h
PCR
Pause Control/Status Register
R/W
48h
RFCR
Receive Filter/Match Control Register
R/W
4Ch
RFDR
Receive Filter/Match Data Register
R/W
50h
BRAR
Boot ROM Address
R/W
54h
BRDR
Boot ROM Data
R/W
58h
SRR
Silicon Revision Register
RO
5Ch
MIBC
Management Information Base Control Register
R/W
60-78h
MIB
Management Information Base Data Registers
RO
7Ch
Reserved
Internal Phy Registers
80h
BMCR
Basic Mode Control Register
R/W
84h
BMSR
Basic Mode Status Register
RO
88h
PHYIDR1
PHY Identifier Register #1
RO
8Ch
PHYIDR2
PHY Identifier Register #2
RO
90h
ANAR
Auto-Negotiation Advertisement Register
R/W
94h
ANLPAR
Auto-Negotiation Link Partner Ability Register
R/W
98h
ANER
Auto-Negotiation Expansion Register
R/W
9Ch
ANNPTR
Auto-Negotiation Next Page TX
R/W
A0-BCh
Reserved
Reserved
C0h
PHYSTS
PHY Status Register
RO
C4h
MICR
MII Interrupt Control Register
RW
C8h
MISR
MII Interrupt Status Register
RW
CCh
Reserved
Reserved
D0h
FCSCR
False Carrier Sense Counter Register
R/W
D4h
RECR
Receive Error Counter Register
R/W
D8h
PCSR
100 Mb/s PCS Configuration and Status Register
R/W
DCh-E0h
Reserved
Reserved
E4h
PHYCR
PHY Control Register
R/W
E8h
TBTSCR
10Base-T Status/Control Register
R/W
ECh-FCh
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com