Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 97 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 97 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 93Page - Texas Instruments SNLS059E Datasheet HTML 94Page - Texas Instruments SNLS059E Datasheet HTML 95Page - Texas Instruments SNLS059E Datasheet HTML 96Page - Texas Instruments SNLS059E Datasheet HTML 97Page - Texas Instruments SNLS059E Datasheet HTML 98Page - Texas Instruments SNLS059E Datasheet HTML 99Page - Texas Instruments SNLS059E Datasheet HTML 100Page - Texas Instruments SNLS059E Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
7.0 DC and AC Specifications (Continued)
96
www.national.com
7.2.6 PCI Bus Cycles
The following table parameters apply to ALL the PCI Bus Cycle Timing Diagrams contained in this section.
PCI Configuration Read
Number
Parameter
Min
Max
Units
7.2.6.1
Input Setup Time
7
ns
7.2.6.2
Input Hold Time
0
ns
7.2.6.3
Output Valid Delay
2
11
ns
7.2.6.4
Output Float Delay (toff time)
28
ns
7.2.6.5
Output Valid Delay for REQN - point to point
2
12
ns
7.2.6.6
Input Setup Time for GNTN - point to point
10
ns
PCICLK
FRAMEN
AD[31:0]
C/BEN[3:0]
IRDYN
TRDYN
DEVSELN
PAR
PERRN
Addr
Data
IDSEL
T1
T2
T1 T2
T4
T1
T1
T1
T2
T2
T2
T3
T4
T4
T4
T3
T1 T2
T1
T2
T3
T3
T1
Cmd
BE
T2
T3
T3
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com