Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 13 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 13 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 9Page - Texas Instruments SNLS059E Datasheet HTML 10Page - Texas Instruments SNLS059E Datasheet HTML 11Page - Texas Instruments SNLS059E Datasheet HTML 12Page - Texas Instruments SNLS059E Datasheet HTML 13Page - Texas Instruments SNLS059E Datasheet HTML 14Page - Texas Instruments SNLS059E Datasheet HTML 15Page - Texas Instruments SNLS059E Datasheet HTML 16Page - Texas Instruments SNLS059E Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
12
www.national.com
2.0 Pin Description (Continued)
Supply Pins
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
SUBGND1,
SUBGND2,
SUBGND3
37, 49, 126
B2, E1, G12
S
Substrate GND
RXAVDD1,
RXAVDD2
39, 47
C2, E2
S
RX Analog VDD - connect to isolated Aux 3.3V supply VDD
RXAVSS1,
RXAVSS2
38, 44
B1, D3
S
RX Analog GND
TXIOVSS1,
TXIOVSS2
52, 55
F2, G4
S
TX Output driver VSS
TXDVDD
56
H3
S
TX Digital VDD - connect to Aux 3.3V supply VDD
TXDVSS
51
E4
S
TX Digital VSS
MACVDD1,
MACVDD2
58,125
H1, H11
S
Mac/BIU digital core VDD - connect to Aux 3.3V supply VDD
MACVSS1,
MACVSS2
57, 124
G3, H14
S
Mac/BIU digital core VSS
PCIVDD1,
PCIVDD2,
PCIVDD3,
PCIVDD4,
PCIVDD5
69, 80, 94,
107, 117
L1, P5, L8,
M12, K12
S
PCI IO VDD - connect to PCI bus 3.3V VDD
PCIVSS1,
PCIVSS2,
PCIVSS3,
PCIVSS4,
PCIVSS5
65, 77, 90,
103, 114
K1, P4, M8,
P11, L11
S
PCI IO VSS
VDDIO2,
VDDIO4
19, 85
C8, M6
S
Misc. IO VDD - connect to Aux 3.3V supply VDD
VDDIO1,
VDDIO3,
VDDIO5
9, 27, 137
C10, A5, E13
S
Misc. IO VDD - connect to Aux 3.3V supply VDD
VSSIO2,
VSSIO4
16, 84
A8, P6
S
Misc. IO VSS
VSSIO1,
VSSIO3,
VSSIO5
8, 26, 136
A10, D6, E12
S
Misc. IO VSS
PHYVDD1,
PHYVDD2
21, 33
B7, B4
S
Phy digital core VDD - connect to Aux 3.3V supply VDD
PHYVSS1,
PHYVSS2
20,32
A7, C4
S
Phy digital core VSS
FSVDD
36
C3
S
Frequency Synthesizer VDD - connect to isolated Aux 3.3V supply
VDD
FSVSS
35
A3
S
Frequency Synthesizer VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com