Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 43 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 43 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 39Page - Texas Instruments SNLS059E Datasheet HTML 40Page - Texas Instruments SNLS059E Datasheet HTML 41Page - Texas Instruments SNLS059E Datasheet HTML 42Page - Texas Instruments SNLS059E Datasheet HTML 43Page - Texas Instruments SNLS059E Datasheet HTML 44Page - Texas Instruments SNLS059E Datasheet HTML 45Page - Texas Instruments SNLS059E Datasheet HTML 46Page - Texas Instruments SNLS059E Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
42
www.national.com
4.0 Register Set (Continued)
4.2.2 Configuration and Media Status Register
This register allows configuration of a variety of device and phy options, and provides phy status information.
Tag: CFG
Size: 32 bits
Hard Reset: 00000000h
Offset: 0004h
Access: Read Write
Soft Reset: 00000000h
Bit
Bit Name
Description
31
LNKSTS
Link Status
Link status of the internal phy. Asserted when link is good. RO
30
SPEED100
Speed 100 Mb/s
Speed 100 Mb/s indicator for internal phy. Asserted when speed is set or has negotiated to 100 Mb/s.
De-asserted when speed has been set or negotiated to 10 Mb/s. RO
29
FDUP
Full Duplex
Full Duplex indicator for internal phy. Asserted when duplex mode is set or has negotiated to FULL. De-
asserted when duplex mode has been set or negotiated to HALF. RO
28
POL
10 Mb/s Polarity Indication
Twisted pair polarity indicator for internal phy. Asserted when operating and 10 Mb/s and the polarity has
been detected as reversed. De-asserted when polarity is normal or phy is operating at 100 Mb/s. RO
27
ANEG_DN
Auto-negotiation Done
Auto-negotiation done indicator from internal phy. Asserted when auto-negotiation process has
completed or is not active. RO
26-24
unused
23-18
PHY_CFG
Phy Configuration
Miscellaneous internal phy Power-On-Reset configuration control bits.
17
PINT_ACEN Phy Interrupt Auto Clear Enable
When set to a 1, this bit allows the phy interrupt source to be automatically cleared whenever the ISR is
read. When this bit is 0, the phy interrupt source must be manually cleared via access of the phy
registers. R/W
16
PAUSE_ADV Pause Advertise
This bit is loaded from EEPROM at power-up and is used to configure the internal phy to advertise the
capability of 802.3x pause during auto-negotiation. Setting this bit to 1 will cause the pause function to be
advertised if the phy has also been configured to advertise full duplex capability (See ANEG_SEL).
15-13
ANEG_SEL
Auto-negotiation Select
These bits are loaded from EEPROM at power-up and are used to define the default state of the internal
phy auto-negotiation logic. R/W These bits are encoded as follows:
000
Auto-negotiation disabled, force 10 Mb/s half duplex
010
Auto-negotiation disabled, force 100 Mb/s half duplex
100
Auto-negotiation disabled, force 10 Mb/s full duplex
110
Auto-negotiation disabled, force 100 Mb/s full duplex
001
Auto-negotiation enabled, advertise 10 Mb/s half & full duplex
011
Auto-negotiation enabled, advertise 10/100 Mb/s half duplex
101
Auto-negotiation enabled, advertise 100 Mb/s half & full duplex
111
Auto-negotiation enabled, advertise 10/100 Mb/s half & full duplex
12
EXT_PHY
External Phy Support
Act as a stand-alone MAC. When set, this bit enables the MII and disables the internal Phy (sets bit 9).
R/W
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com