Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 71 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 71 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 67Page - Texas Instruments SNLS059E Datasheet HTML 68Page - Texas Instruments SNLS059E Datasheet HTML 69Page - Texas Instruments SNLS059E Datasheet HTML 70Page - Texas Instruments SNLS059E Datasheet HTML 71Page - Texas Instruments SNLS059E Datasheet HTML 72Page - Texas Instruments SNLS059E Datasheet HTML 73Page - Texas Instruments SNLS059E Datasheet HTML 74Page - Texas Instruments SNLS059E Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
70
www.national.com
4.0 Register Set (Continued)
4.3.6 Auto-Negotiation Link Partner Ability Register
This register contains the advertised abilities of the Link Partner as received during Auto-Negotiation. The content
changes after the successful auto-negotiation if Next-pages are supported.
9
T4
100BASE-T4 Support: Default: 0/ RO
1= 100BASE-T4 is supported by the local device
0 = 100BASE-T4 not supported
8
TX_FD
100BASE-TX Full Duplex Support: Default: dependent on setting of the ANEG_SEL in the CFG register
1 = 100BASE-TX Full Duplex is supported by the local device
0 = 100BASE-TX Full Duplex not supported
7
TX
100BASE-TX Support: Default: dependent on the setting of the ANEG_SEL bits in the CFG register
1 = 100BASE-TX is supported by the local device
0 = 100BASE-TX not supported
6
10_FD
10BASE-T Full Duplex Support: Default: dependent on setting of the ANEG_SEL in the CFG register
1 = 10BASE-T Full Duplex is supported by the local device
0 = 10BASE-T Full Duplex not supported
5
10
10BASE-T Support: Default: dependent on the setting of the ANEG_SEL bits in the CFG register
1 = 10BASE-T is supported by the local device
0 = 10BASE-T not supported
4:0
Selector
Protocol Selection Bits: Default: <00001>
These bits contain the binary encoded protocol selector supported by this port. <00001> indicates that
this device supports IEEE 802.3u.
Tag: ANLPAR
Size: 16 bits
Hard Reset: 0000h
Offset: 0094h
Access: Read Only
Bit
Bit Name
Description
15
NP
Next Page Indication:
0 = Link Partner does not desire Next Page Transfer
1 = Link Partner desires Next Page Transfer
14
ACK
Acknowledge:
1 = Link Partner acknowledges reception of the ability data word
0 = Not acknowledged
The Device's Auto-Negotiation state machine will automatically control this bit based on the incoming FLP
bursts.
13
RF
Remote Fault:
1 = Remote Fault indicated by Link Partner
0 = No Remote Fault indicated by Link Partner
12:10
Reserved
Reserved for Future IEEE use: Write as 0, read as 0
9
T4
100BASE-T4 Support:
1 = 100BASE-T4 is supported by the Link Partner
0 = 100BASE-T4 not supported by the Link Partner
8
TX_FD
100BASE-TX Full Duplex Support:
1 = 100BASE-TX Full Duplex is supported by the Link Partner
0 = 100BASE-TX Full Duplex not supported by the Link Partner
7
TX
100BASE-TX Support:
1 = 100BASE-TX is supported by the Link Partner
0 = 100BASE-TX not supported by the Link Partner
6
10_FD
10BASE-T Full Duplex Support:
1 = 10BASE-T Full Duplex is supported by the Link Partner
0 = 10BASE-T Full Duplex not supported by the Link Partner
Bit
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com