Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 64 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 64 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 60Page - Texas Instruments SNLS059E Datasheet HTML 61Page - Texas Instruments SNLS059E Datasheet HTML 62Page - Texas Instruments SNLS059E Datasheet HTML 63Page - Texas Instruments SNLS059E Datasheet HTML 64Page - Texas Instruments SNLS059E Datasheet HTML 65Page - Texas Instruments SNLS059E Datasheet HTML 66Page - Texas Instruments SNLS059E Datasheet HTML 67Page - Texas Instruments SNLS059E Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
4.0 Register Set (Continued)
Subject to change without notice.
63
Rev O www.national.com
Accept on Multicast or Unicast Hash
Multicast and Unicast addresses may be further qualified
by use of the receive filter hash functions. An internal 512
bit (64 byte) RAM-based hash table is used to perform
imperfect filtering of multicast or unicast packets. By
enabling either Multicast Hashing or Unicast Hashing in the
RFCR, the receive filter logic will use the 9 least significant
bits of the destination addresses’ CRC as an index into the
Hash Table memory. The upper 4 bits represent the word
address and the lower 5 bits select the bit within the word.
If the corresponding bit is set, then the packet is accepted,
otherwise the packet is rejected. The hash table memory is
accessed through the RFCR and the RFDR. Refer to
Figure 4-2 for a memory map. Below is example code for
setting/clearing a bit in the hash table.
Figure 4-2 Hash Table Memory - 40h bytes addressed on word boundaries
set HASH_TABLE = 200
crc $DA
# compute the CRC of the destination address
set index = ($crc >> 3)
set bit = ($crc & 01f)
# lower 5 bits select which bit in 32 bit word
# write word address into RFCR
iow l $RFCR ($HASH_TABLE + $index)
# select bit to set/clear
if ($bit > f) set bit = ($bit - 010h)
# use 16 bit register interface into 32bit RAM
set hash_bit = (0001 << $bit)
# read indexed word from table
ior l $RFDR
if ($SetBit) then
set hash_word = ($rc | $hash_bit)
iow l $RFDR ($hash_word)
else
set hash_bit = (~$hash_bit)
set hash_word = ($rc & $hash_bit)
iow l $RFDR ($hash_word)‘
endif
iow l $RFCR ($RFEN|$MHEN|$UHEN)# enable multicast and/or unicast
# address hashing
X X
byte63
byte62
23E
X X
byte61
byte60
23C
X X
byte5
byte4
204
X X
byte3
byte2
202
X X
byte1
byte0
200
Bit#
17 16 15
87
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com