Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 66 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 66 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 62Page - Texas Instruments SNLS059E Datasheet HTML 63Page - Texas Instruments SNLS059E Datasheet HTML 64Page - Texas Instruments SNLS059E Datasheet HTML 65Page - Texas Instruments SNLS059E Datasheet HTML 66Page - Texas Instruments SNLS059E Datasheet HTML 67Page - Texas Instruments SNLS059E Datasheet HTML 68Page - Texas Instruments SNLS059E Datasheet HTML 69Page - Texas Instruments SNLS059E Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 110 page
background image
65
www.national.com
4.0 Register Set (Continued)
4.2.22 Management Information Base Control Register
The MIBC register is used to control access to the statistics block and the warning bits and to control the collection of
management information statistics.
Tag: MIBC
Size: 32 bits
Hard Reset: 00000002h
Offset: 005ch
Access: Read Write
Soft Reset: 00000002h
Bit
Bit Name
Description
31-4
unused
3
MIBS
MIB Counter Strobe
Writing a 1 to this bit location causes the counters in all enabled blocks to increment by 1, providing a
single-step test function. The MIBS bit is always read back as 0. This bit is used for test purposes
only and should be set to 0 for normal counter operation.
2
ACLR
Clear all counters
When set to a 1, this bit forces all counters to be reset to 0. This bit is always read back as 0.
1
FRZ
Freeze all counters
When set to a 1, this bit forces count values to be frozen such that a read of the statistic block will
represent management statistics at a given instant in time. When set to 0, the counters will increment
normally and may be read individually while counting. While frozen events will not be recorded.
0
WRN
Warning Test Indicator
This field is read only. This bit is set to 1 when statistic counters have reached their respective overflow
warning condition. WRN will be cleared after one or more of the statistic counters have been cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com