Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 56 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 56 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 52Page - Texas Instruments SNLS059E Datasheet HTML 53Page - Texas Instruments SNLS059E Datasheet HTML 54Page - Texas Instruments SNLS059E Datasheet HTML 55Page - Texas Instruments SNLS059E Datasheet HTML 56Page - Texas Instruments SNLS059E Datasheet HTML 57Page - Texas Instruments SNLS059E Datasheet HTML 58Page - Texas Instruments SNLS059E Datasheet HTML 59Page - Texas Instruments SNLS059E Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
55
www.national.com
4.0 Register Set (Continued)
4.2.14 Wake Command/Status Register
The WCSR register is used to configure/control and monitor the DP83815 Wake On LAN logic. The Wake On LAN logic
is used to monitor the incoming packet stream while in a low-power state, and provide a wake event to the system if the
desired packet type, contents, or Link change are detected.
Tag: WCSR
Size: 32 bits
Hard Reset: 00000000h
Offset: 0040h
Access: Read Write
Soft Reset: 00000000h
Bit
Bit Name
Description
31
MPR
Magic Packet
 Received
Set to 1 if a Magic Packet
 has been detected and the WKMAG bit is set. RO, cleared on read.
30
PATM3
Pattern 3 match
Associated bit set to 1 if a pattern 3 match is detected and the WKPAT3 bit is set. RO, cleared on read.
29
PATM2
Pattern 2 match
Associated bit set to 1 if a pattern 2 match is detected and the WKPAT2 bit is set. RO, cleared on read.
28
PATM1
Pattern 1 match
Associated bit set to 1 if a pattern 1 match is detected and the WKPAT1 bit is set. RO, cleared on read.
27
PATM0
Pattern 0 match
Associated bit set to 1 if a pattern 0 match is detected and the WKPAT0 bit is set. RO, cleared on read.
26
ARPR
ARP Received
Set to 1 if an ARP packet has been detected and the WKARP bit is set. RO, cleared on read.
25
BCASTR
Broadcast Received
Set to 1 if a broadcast packet has been detected and the WKBCP bit is set. RO, cleared on read.
24
MCASTR
Multicast Received
Set to 1 if a multicast packet has been detected and the WKMCP bit is set. RO, cleared on read.
23
UCASTR
Unicast Received
Set to 1 if a unicast packet has been detected the WKUCP bit is set. RO, cleared on read.
22
PHYINT
Phy Interrupt
Set to 1 if a Phy interrupt was detected and the WKPHY bit is set. RO, cleared on read.
21
Reserved
Reserved
RO, cleared on read.
20
SOHACK
SecureOn Hack Attempt
Set to 1 if the MPSOE and WKMAG bits are set, and a Magic Packet
 is receive with an invalid
SecureOn password value. RO, Cleared on read.
19-11
unused
returns 0
10
MPSOE
Magic Packet
 SecureOn Enable
Enable Magic Packet
 SecureOn feature. Only applicable when bit 9 is set. R/W
9
WKMAG
Wake on Magic Packet
Enable wake on Magic Packet
 detection. R/W
8
WKPAT3
Wake on Pattern 3 match
Enable wake on match of pattern 3. R/W
7
WKPAT2
Wake on Pattern 2 match
Enable wake on match of pattern 2. R/W
6
WKPAT1
Wake on Pattern 1 match
Enable wake on match of pattern 1. R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com