Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 46 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 46 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 42Page - Texas Instruments SNLS059E Datasheet HTML 43Page - Texas Instruments SNLS059E Datasheet HTML 44Page - Texas Instruments SNLS059E Datasheet HTML 45Page - Texas Instruments SNLS059E Datasheet HTML 46Page - Texas Instruments SNLS059E Datasheet HTML 47Page - Texas Instruments SNLS059E Datasheet HTML 48Page - Texas Instruments SNLS059E Datasheet HTML 49Page - Texas Instruments SNLS059E Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
45
www.national.com
4.0 Register Set (Continued)
PMATCH[47:0] can be accessed via the combination of the RFCR (offset 0048h) and RFDR (offset 004Ch) registers.
PMATCH holds the Ethernet address info. See Section 3.3.3.
The lower 8 bits of the checksum value should be 55h. For the upper 8 bits, add the top 8 data bits to the lower 8 data bits
for each address. Sum the resultant 8 bit values for all addresses and then add 55h. Take the 2’s complement of the final
sum. This 2’s complement number should be the upper 8 bits of the checksum value in the last address.
As an example, consider an EEPROM with two addresses. EEPROM address 0000h contains the data 1234h. EEPROM
address 0001h contains the data 5678h.
12h + 34h = 46h
56h + 78h = CEh
46h + CEh + 55h = 69h
The 2’s complement of 69h is 97h so the checksum value entered into EEPROM address 0002h would be 9755h.
4.2.5 PCI Test Control Register
Tag: PTSCR
Size: 32 bits
Hard Reset: 00000000h
Offset: 000Ch
Access: Read Write
Soft Reset: 00000000h
Bit
Bit Name
Description
31-13
unused
12
Reserved
Must be written as a 0.
11
Reserved
10
RBIST_RST
SRAM BIST Reset
Setting this bit to 1 allows the SRAM BIST engine to be reset. R/W
9-8
Reserved
Must be written as 0.
7
RBIST_EN
SRAM BIST Enable
Setting this bit to 1 starts the SRAM BIST engine. R/W
6
RBIST_DONE
SRAM BIST Done
This bit is set to one when the BIST has completed its current test. It is cleared when either the BIST
is active or disabled. RO
5
RBIST_RXFAIL
RX FIFO BIST Fail
This bit is set to 1 if the SRAM BIST detects a failure in the RX FIFO SRAM. RO
4
RBIST_TXFAIL
TX FIFO Fail
This bit is set to 1 if the SRAM BIST detects a failure in the TX FIFO SRAM. RO
3
RBIST_RXFFAIL
RX Filter RAM BIST Fail
This bit is set to 1 if the SRAM BIST detects a failure in the RX Filter SRAM. RO
2
EELOAD_EN
Enable EEPROM Load
This bit is set to a 1 to manually initiate a load of configuration information from EEPROM. A 1 is
returned while the configuration load from EEPROM is active (approx. 1500 us). R/W
1
EEBIST_EN
Enable EEPROM BIST
This bit is set to a 1 to initiate EEPROM BIST, which verifies the EEPROM data and checksum
without reloading configuration values to the device. A 1 is returned while the EEPROM BIST is
active. R/W
0
EEBIST_FAIL
EE BIST Fail indication
This bit is set to a 1 upon completion of the EEPROM BIST (EEBIST_EN returns 0) if the BIST logic
encountered an invalid checksum. RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com