Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 44 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 44 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 40Page - Texas Instruments SNLS059E Datasheet HTML 41Page - Texas Instruments SNLS059E Datasheet HTML 42Page - Texas Instruments SNLS059E Datasheet HTML 43Page - Texas Instruments SNLS059E Datasheet HTML 44Page - Texas Instruments SNLS059E Datasheet HTML 45Page - Texas Instruments SNLS059E Datasheet HTML 46Page - Texas Instruments SNLS059E Datasheet HTML 47Page - Texas Instruments SNLS059E Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
43
www.national.com
4.0 Register Set (Continued)
Bit
Bit Name
Description
10
PHY_RST
Reset internal Phy
Asserts reset to internal phy. Can be used to cause phy to reload options from the CFG register. This bit
does not self clear when set. R/W
9
PHY_DIS
Disable internal Phy
When set to a 1, this bit forces the internal phy to its low-power state. R/W
8
EUPHCOMP DP83810 Descriptor Compatibility
When set, DP83815 will use DP83810 compatible (but single fragment) descriptor format. Descriptors
are four 32-bit words in length, but the fragment count field is ignored. When clear, DP83815 will only
fetch 3 32-bit words in descriptor fetches with the third word being the fragment pointer. R/W
7
REQALG
PCI Bus Request Algorithm
Selects mode for making requests for the PCI bus. When set to 0 (default), DP83815 will use an
aggressive Request scheme. When set to a 1, DP83815 will use a more conservative scheme. R/W
6
SB
Single Back-off
Setting this bit to 1 forces the transmitter back-off state machine to always back-off for a single 802.3 slot
time instead of following the 802.3 random back-off algorithm. A 0 (default) allows normal transmitter
back-off operation. R/W
5
POW
Program Out of Window Timer
This bit controls when the Out of Window collision timer begins counting its 512 bit slot time. A 0 causes
the timer to start after the SFD is received. A 1 causes the timer to start after the first bit of the preamble
is received. R/W
4
EXD
Excessive Deferral Timer disable
Setting this bit to 1 will inhibit transmit errors due to excessive deferral. This will inhibit the setting of the
ED status, and the logging of the TxExcessiveDeferral MIB counter. R/W
3
PESEL
Parity Error Detection Action
This bit controls the assertion of SERR when a data parity error is detected while the DP83815 is acting
as the bus master. When set, parity errors will not result in the assertion of SERR. When reset, parity
errors will result in the assertion of SERR, indicating a system error. This bit should be set to a one by
software if the driver can handle recovery from and reporting of data parity errors. R/W
2
BROM_DIS
Disable Boot ROM interface
When set to 1, this bit inhibits the operation of the Boot ROM interface logic. R/W
1
Reserved
(reads return 0)
0
BEM
Big Endian Mode
When set, DP83815 will perform bus-mastered data transfers in “big endian” mode. Note that access to
register space is unaffected by the setting of this bit. R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com