Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 10 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 10 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 6Page - Texas Instruments SNLS059E Datasheet HTML 7Page - Texas Instruments SNLS059E Datasheet HTML 8Page - Texas Instruments SNLS059E Datasheet HTML 9Page - Texas Instruments SNLS059E Datasheet HTML 10Page - Texas Instruments SNLS059E Datasheet HTML 11Page - Texas Instruments SNLS059E Datasheet HTML 12Page - Texas Instruments SNLS059E Datasheet HTML 13Page - Texas Instruments SNLS059E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
9
www.national.com
2.0 Pin Description (Continued)
Note: DP83815 supports NM27LV010 for the BIOS ROM interface device.
100BASE-TX/10BASE-T Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
TPTDP, TPTDM
54, 53
G1, F1
A-O
Transmit Data: Differential common output driver. This differential
common output is configurable to either 10BASE-T or 100BASE-TX
signaling:
10BASE-T: Transmission of Manchester encoded 10BASE-T packet
data as well as Link Pulses (including Fast Link Pulses for Auto-
Negotiation purposes).
100BASE-TX: Transmission of ANSI X3T12 compliant MLT-3 data.
The DP83815 will automatically configure this common output driver
for the proper signal type as a result of either forced configuration or
Auto-Negotiation.
TPRDP,
TPRDM
46, 45
D1, C1
A-I
Receive Data: Differential common input buffer. This differential
common input can be configured to accept either 100BASE-TX or
10BASE-T signaling:
10BASE-T: Reception of Manchester encoded 10BASE-T packet
data as well as normal Link Pulses and Fast Link Pulses for Auto-
Negotiation purposes.
100BASE-TX: Reception of ANSI X3T12 compliant scrambled MLT-3
data.
The DP83815 will automatically configure this common input buffer
to accept the proper signal type as a result of either forced
configuration or Auto-Negotiation.
BIOS ROM/Flash Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
MCSN
129
G13
O
BIOS ROM/Flash Chip Select: During a BIOS ROM/Flash
access, this signal is used to select the ROM device.
MD7, MD6, MD5,
MD4/EEDO, MD3,
MD2,
MD1/CFGDISN,
MD0
141, 140, 139,
138, 135, 134,
133, 132
D13, D12,
D14, E11,
E14, F11,
F13, F12
I/O
BIOS ROM/Flash Data Bus: During a BIOS ROM/Flash access
these signals are used to transfer data to or from the ROM/Flash
device.
MD[5:0] pins have internal weak pull ups.
MD6 and MD7 pins have internal weak pull downs.
MA5,
MA4/EECLK,
MA3/EEDI,
MA2/LED100LNK,
MA1/LED10LNK,
MA0/LEDACT
3, 2, 1, 144,
143, 142
B11, A12,
B12, C13,
C12, C14
O
BIOS ROM/Flash Address: During a BIOS ROM/Flash access,
these signals are used to drive the ROM/Flash address.
MWRN
131
F14
O
BIOS ROM/Flash Write: During a BIOS ROM/Flash access, this
signal is used to enable data to be written to the Flash device.
MRDN
130
G11
O
BIOS ROM/Flash Read: During a BIOS ROM/Flash access, this
signal is used to enable data to be read from the Flash device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com