Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS059E Datasheet(PDF) 32 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 32 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 28Page - Texas Instruments SNLS059E Datasheet HTML 29Page - Texas Instruments SNLS059E Datasheet HTML 30Page - Texas Instruments SNLS059E Datasheet HTML 31Page - Texas Instruments SNLS059E Datasheet HTML 32Page - Texas Instruments SNLS059E Datasheet HTML 33Page - Texas Instruments SNLS059E Datasheet HTML 34Page - Texas Instruments SNLS059E Datasheet HTML 35Page - Texas Instruments SNLS059E Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
3.0 Functional Description (Continued)
Subject to change without notice.
31
Rev O www.national.com
The receive interface consists of a nibble wide data bus
RXD[3:0], a receive error signal RXER, a receive data valid
flag RXDV, and a receive clock RXCLK for synchronous
transfer of the data. The receive clock can operate at 2.5
MHz to support 10 Mb/s operation modes or at 25 MHz to
support 100 Mb/s operational modes.
The transmit interface consists of a nibble wide data bus
TXD[3:0], a transmit enable control signal TXEN, and a
transmit clock TXCLK which runs at 2.5 MHz or 25 MHz.
Additionally, the MII includes the carrier sense signal CRS,
as well as a collision detect signal COL. The CRS signal
asserts to indicate the reception of data from the network
or as a function of transmit data in Half Duplex mode. The
COL signal asserts as an indication of a collision which can
occur during half-duplex operation when both a transmit
and receive operation occur simultaneously.
3.12.6 Collision Detection
For Half Duplex, a 10BASE-T or 100BASE-TX collision is
detected when the receive and transmit channels are
active simultaneously. Collisions are reported by the COL
signal on the MII.
If the PHY is transmitting in 10 Mb/s mode when a collision
is detected, the collision is not reported until seven bits
have been received while in the collision state. This
prevents a collision being reported incorrectly due to noise
on the network. The COL signal remains set for the
duration of the collision.
If a collision occurs during a receive operation, it is
immediately reported by the COL signal.
When heartbeat is enabled (only applicable to 10 Mb/s
operation), approximately 1
µs after the transmission of
each packet, a Signal Quality Error (SQE) signal of
approximately 10 bit times is generated (internally) to
indicate successful transmission. SQE is reported as a
pulse on the COL signal of the MII.
3.12.7 Carrier Sense
Carrier Sense (CRS) is asserted due to receive activity,
once valid data is detected, during 10 Mb/s operation.
During 100 Mb/s operation CRS is asserted when a valid
link (SD) and two non-contiguous zeros are detected.
For 10 or 100 Mb/s Half Duplex operation, CRS is asserted
during either packet transmission or reception.
For 10 or 100 Mb/s Full Duplex operation, CRS is asserted
only due to receive activity.
CRS is de-asserted following an end of packet.
Figure 3-16 Typical MDC/MDIO Write Operation
MDC
MDIO
00
0
11
11 0 0 00 0 0 0
(STA)
Idle
Start Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
0 0 0
0 00
00 0 0 0 00 0 Z
Idle
10 0
0
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com