Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4909 Datasheet HTML 1Page - STMicroelectronics TS4909 Datasheet HTML 2Page - STMicroelectronics TS4909 Datasheet HTML 3Page - STMicroelectronics TS4909 Datasheet HTML 4Page - STMicroelectronics TS4909 Datasheet HTML 5Page - STMicroelectronics TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TS4909
Typical application schematics
Doc ID 11972 Rev 9
5/35
1
Typical application schematics
Figure 1.
Typical applications for the TS4909
Table 1.
Application component information
Component
Functional description
R
in1,2
Inverting input resistor that sets the closed loop gain in conjunction with R
feed
. This
resistor also forms a high pass filter with C
in
(f
c
= 1 / (2 x Pi x R
in
x C
in
)).
C
in1,2
Input coupling capacitor that blocks the DC voltage at the amplifier’s input terminal.
R
feed1,2
Feedback resistor that sets the closed loop gain in conjunction with R
in
.
A
V
= closed loop gain = -R
feed
/R
in
.
C
b
Half supply bypass capacitor
C
s
Supply bypass capacitor that provides power supply filtering.
Vin1
Vin2
Rin1
Rin2
Rfeed1
Rfeed2
Cin1
330nF
Cin2
BIAS
Gnd
Vcc
Cs
1μF
20k
20k
20k
330nF
Vout1
Vout2
Vout3
Standby
20k
Phantom ground configuration
Single-ended configuration
Cout1
Cout2
Cb
1μF
Vin1
Vin2
Rin1
Rin2
Rfeed1
Rfeed2
Cin1
330nF
Cin2
BIAS
Gnd
Vcc
Cs
1μF
20k
20k
20k
330nF
Vout1
Vout2
Vout3
Standby
20k
Cb
1μF
SE/
PHG
SE/
PHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com