Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 19Page - STMicroelectronics TS4909 Datasheet HTML 20Page - STMicroelectronics TS4909 Datasheet HTML 21Page - STMicroelectronics TS4909 Datasheet HTML 22Page - STMicroelectronics TS4909 Datasheet HTML 23Page - STMicroelectronics TS4909 Datasheet HTML 24Page - STMicroelectronics TS4909 Datasheet HTML 25Page - STMicroelectronics TS4909 Datasheet HTML 26Page - STMicroelectronics TS4909 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TS4909
Application information
Doc ID 11972 Rev 9
23/35
4
Application information
4.1
General description
The TS4909 integrates two monolithic power amplifiers. The amplifier output can be
configured to provide either single-ended (SE) capacitively-coupled output or phantom
ground (PHG) capacitor-less output.
Figure 1: Typical applications for the TS4909 on
page 5 shows schematics for each of these configurations.
Single-ended configuration
In the single-ended configuration, an output coupling capacitor, C
out
, on the output of the
power amplifier (V
out1
and V
out2
) is mandatory. The output of the power amplifier is biased to
a DC voltage equal to V
CC
/2 and the output coupling capacitor blocks this reference voltage.
Phantom ground configuration
In the phantom ground configuration, an internal buffer (V
out3
) maintains the V
CC
/2 voltage
and the output of the power amplifiers are also biased to the V
CC
/2 voltage. Therefore, no
output coupling capacitors are needed. This is of primary importance in portable
applications where space constraints are continually present.
4.2
Frequency response
Higher cut-off frequency
In the high frequency region, you can limit the bandwidth by adding a capacitor C
feed
in
parallel with R
feed
. It forms a low-pass filter with a -3 dB cut-off frequency F
CH
. Assuming
that F
CH
is the highest frequency to be amplified (with a 3 dB attenuation), the maximum
value of C
feed
is:
Figure 77. Higher cut-off frequency vs. feedback capacitor
F
CH
1
2
π R
f eed
C
f eed
⋅⋅
---------------------------------------------
=
0.01
0.1
1
10
100
100
1k
10k
100k
R feed= 40 k
Ω
R feed= 80k
Ω
R feed= 20k
Ω
Cfeed (μF)
R feed= 10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com