Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 23Page - STMicroelectronics TS4909 Datasheet HTML 24Page - STMicroelectronics TS4909 Datasheet HTML 25Page - STMicroelectronics TS4909 Datasheet HTML 26Page - STMicroelectronics TS4909 Datasheet HTML 27Page - STMicroelectronics TS4909 Datasheet HTML 28Page - STMicroelectronics TS4909 Datasheet HTML 29Page - STMicroelectronics TS4909 Datasheet HTML 30Page - STMicroelectronics TS4909 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
TS4909
Application information
Doc ID 11972 Rev 9
27/35
The
efficiency is the ratio between the output power and the power supply.
The
maximum theoretical value is reached when V
PEAK
= V
CC
/2, so:
4.4.3
Total power dissipation
The TS4909 is a stereo (dual channel) amplifier. It has two independent power amplifiers.
Each amplifier produces heat due to its power dissipation. Therefore the maximum die
temperature is the sum of each amplifier’s maximum power dissipation. It is calculated as
follows:
P
diss 1
= power dissipation due to the first channel power amplifier (V
out1
).
P
diss 2
= power dissipation due to the second channel power amplifier (V
out2
).
Total P
diss
=P
diss 1
+P
diss 2
(W)
In most cases, P
diss 1
= P
diss 2
, giving:
Single-ended configuration:
Phantom ground configuration:
4.5
Decoupling of the circuit
Two capacitors are needed to properly bypass the TS4909 — a power supply capacitor C
s
and a bias voltage bypass capacitor C
b
.
C
s
has a strong influence on the THD+N at high frequencies (above 7 kHz) and indirectly on
the power supply disturbances. With 1
μF, you could expect the THD+N performance to be
similar to the values shown in this datasheet. If C
s
is lower than 1
μF, THD+N increases at
high frequencies and disturbances on the power supply rail are less filtered. On the contrary,
if C
s
is higher than 1
μF, those disturbances on the power supply rail are more filtered.
C
b
has an influence on THD+N at lower frequencies, but its value is critical on the final result
of PSRR with inputs grounded at lower frequencies.
If C
b
is lower than 1
μF, THD+N increases at lower frequencies and the PSRR worsens
(increases).
If C
b
is higher than 1
μF, the benefit on THD+N and PSRR in the lower frequency range
is small.
η
P
OUT
P
suppl y
-------------------
πV
P EAK
4V
CC
---------------------
==
η
π
8
---
39.25 %
==
To t a lP
diss
2P
diss1
2P
diss2
==
Tot a lP
di ss
22 V
CC
π R
L
---------------------- P
OUT
2P
OUT
=
Tot a lP
di ss
42 V
CC
π R
L
---------------------- P
OUT
2P
OUT
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com