Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 12Page - STMicroelectronics TS4909 Datasheet HTML 13Page - STMicroelectronics TS4909 Datasheet HTML 14Page - STMicroelectronics TS4909 Datasheet HTML 15Page - STMicroelectronics TS4909 Datasheet HTML 16Page - STMicroelectronics TS4909 Datasheet HTML 17Page - STMicroelectronics TS4909 Datasheet HTML 18Page - STMicroelectronics TS4909 Datasheet HTML 19Page - STMicroelectronics TS4909 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Electrical characteristics
TS4909
16/35
Doc ID 11972 Rev 9
Figure 38. Output power vs. load resistance,
PHG, Vcc = 3 V
Figure 39. Output power vs. load resistance,
SE, Vcc = 3 V
16
3 2
48
6 4
80
9 6
0
20
40
60
80
T H D+N=1 0 %
P h anto m G roun d
V cc= 3 V , F = 1kH z
Av = -1 , T
AM B
=2 5 ° C
B W = 2 0 H z -120 kH z
Load Resistance (Ω)
T H D+N=1 %
16
3 2
48
6 4
80
9 6
0
20
40
60
80
T H D+N=1 0 %
Sin g le En d e d
V cc= 3 V , F = 1kH z
Av = -1 , T
AM B
=2 5 ° C
B W = 2 0 H z -120 kH z
Load Resistance (Ω)
T H D+N=1 %
Figure 40. Output power vs. load resistance,
PHG, Vcc = 5 V
Figure 41. Output power vs. load resistance,
SE, Vcc = 5 V
16
3 2
4 8
64
80
9 6
0
50
10 0
15 0
20 0
T H D+ N= 1 0 %
Pha n to m G roun d
Vcc=5V, F= 1kH z
Av= -1 , T
AM B
=2 5 ° C
BW = 2 0H z-120 kH z
Load Resistance (Ω)
T HD+ N= 1 %
16
3 2
4 8
64
80
9 6
0
50
10 0
15 0
20 0
T HD+ N= 1 0 %
Sing le End e d
Vcc=5V, F= 1kH z
Av= -1 , T
AM B
=2 5 ° C
BW = 2 0H z-120 kH z
Load Resistance (Ω)
T HD+ N= 1 %
Figure 42. Power dissipation vs. output power,
PHG, Vcc = 2.6 V
Figure 43. Power dissipation vs. output power,
SE, Vcc = 2.6 V
0
5
10
15
20
2 5
30
35
4 0
0
10
20
30
40
50
60
70
80
RL = 3 2
Ω
RL = 1 6
Ω
Phan to m G roun d
Vcc=2.6V, F = 1kH z
T HD+ N< 1 %
Output Power (mW)
0
5
10
15
20
2 5
30
35
4 0
0
5
10
15
20
25
30
RL = 3 2
Ω
RL = 1 6
Ω
Sin g le En d e d
V cc= 2.6 V , F = 1k H z
T H D+ N< 1 %
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com