Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 2Page - STMicroelectronics TS4909 Datasheet HTML 3Page - STMicroelectronics TS4909 Datasheet HTML 4Page - STMicroelectronics TS4909 Datasheet HTML 5Page - STMicroelectronics TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics TS4909 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Absolute maximum ratings and operating conditions
TS4909
6/35
Doc ID 11972 Rev 9
2
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
CC
Supply voltage
(1)
1.
All voltage values are measured with respect to the ground pin.
6V
V
i
Input voltage
-0.3V to V
CC
+0.3V
V
T
stg
Storage temperature
-65 to +150
°C
T
j
Maximum junction temperature
150
°C
R
thja
Thermal resistance junction to ambient DFN10
120
°C/W
P
diss
Power dissipation
(2)
DFN10
2.
P
d
is calculated with T
amb
= 25°C, T
junction
= 150°C.
1.79
W
ESD
Human body model (pin to pin)
2
kV
ESD
Machine model
220pF - 240pF (pin to pin)
200
V
Latch-up
Latch-up immunity (all pins)
200
mA
Lead temperature (soldering, 10 sec)
260
°C
Output current
170
(3)
3.
Caution: this device is not protected in the event of abnormal operating conditions, such as for example,
short-circuiting between any one output pin and ground, between any one output pin and V
CC
, and
between individual output pins.
mA
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
V
CC
Supply voltage
2.2 to 5.5
V
R
L
Load resistor
≥ 16
Ω
T
oper
Operating free air temperature range
-40 to + 85
°C
C
L
Load capacitor
R
L
= 16 to 100
Ω
R
L
> 100
Ω
400
100
pF
V
STBY
Standby voltage input
TS4909 in STANDBY
TS4909 in active state
GND
≤ V
STBY
≤ 0.4 (1)
1.35V
≤ V
STBY
≤ V
CC
1.
The minimum current consumption (I
STBY
) is guaranteed at ground for the whole temperature range.
V
V
SE/PHG
Single-ended or phantom ground configuration
voltage input
TS4909 outputs
in single-ended configuration
TS4909 outputs in phantom ground configuration
V
SE/PHG=VCC
V
SE/PHG=0
V
R
thja
Thermal resistance junction-to-ambient DFN10
(2)
2.
When mounted on a 4-layer PCB.
41
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com