Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4909 Datasheet HTML 1Page - STMicroelectronics TS4909 Datasheet HTML 2Page - STMicroelectronics TS4909 Datasheet HTML 3Page - STMicroelectronics TS4909 Datasheet HTML 4Page - STMicroelectronics TS4909 Datasheet HTML 5Page - STMicroelectronics TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
January 2013
Doc ID 11972 Rev 9
1/35
35
TS4909
Dual mode low power 150 mW stereo headphone amplifier with
capacitor-less and single-ended outputs
Datasheet
− production data
Features
■ No output coupling capacitors necessary
■ Pop-and-click noise reduction circuitry
■ Operating from V
CC
= 2.2V to 5.5V
■ Standby mode active low
■ Output power:
–
158 mW at 5 V, into 16
Ω with 1% THD+N
max (1 kHz)
–
52 mW at 3.0 V into 16
Ω with 1% THD+N
max (1 kHz)
■ Ultra-low current consumption: 2.0 mA typ. at
3V
■ Ultra-low standby consumption: 10 nA typ.
■ High signal-to-noise ratio: 105 dB typ. at 5 V
■ High crosstalk immunity: 110 dB (F = 1 kHz)
for single-ended outputs
■ PSRR: 72 dB (F = 1 kHz), inputs grounded, for
phantom ground outputs
■ Low t
WU
: 50 ms in PG mode, 100 ms in SE mode
■ Available in lead-free DFN10 3 x 3 mm
Applications
■ Headphone amplifier
■ Mobile phone
■ PDA, portable audio player
Description
The TS4909 is a stereo audio amplifier designed
to drive headphones in portable applications. The
integrated phantom ground is a circuit topology
that eliminates the heavy output coupling
capacitors. This is of primary importance in
portable applications where space constraints are
very high. A single-ended configuration is also
available, offering even lower power consumption
because the phantom ground can be switched off.
Pop-and-click noise during switch-on and switch-
off phases is eliminated by integrated circuitry.
Specially designed for applications requiring low
power supplies, the TS4909 is capable of
delivering 31 mW of continuous average power
into a 32
Ω load with less than 1% THD+N from a
3 V power supply. Featuring an active low
standby mode, the TS4909 reduces the supply
current to only 10 nA (typ.). The TS4909 is unity
gain stable and can be configured by external
gain-setting resistors.
Pin connections (top view)
DFN10 (3 x 3)
1
2
3
4
7
10
9
8
5
6
1
2
3
4
7
10
9
8
5
6
Vin1
Vin2
Stdby
Bypass
SE/PHG
Vdd
Vout1
Vout3
Vout2
Gnd
Vin1
Vin2
BIAS
Gnd
Vout1
Vout2
Vout3
Stdby
SE/PHG
Functional block diagram
Bypass
Vdd
www.st.com


Similar Part No. - TS4909

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4909 STMICROELECTRONICS-TS4909 Datasheet
526Kb / 32P
Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
26-Sep-2007
TS4909IQT STMICROELECTRONICS-TS4909IQT Datasheet
526Kb / 32P
Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
26-Sep-2007
More results

Similar Description - TS4909

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA112 TI-TPA112 Datasheet
472Kb / 28P
150-mW STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
150-mW STEREO AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
STMicroelectronics
TS4909 STMICROELECTRONICS-TS4909 Datasheet
526Kb / 32P
Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
26-Sep-2007
logo
Texas Instruments
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com