Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 25Page - STMicroelectronics TS4909 Datasheet HTML 26Page - STMicroelectronics TS4909 Datasheet HTML 27Page - STMicroelectronics TS4909 Datasheet HTML 28Page - STMicroelectronics TS4909 Datasheet HTML 29Page - STMicroelectronics TS4909 Datasheet HTML 30Page - STMicroelectronics TS4909 Datasheet HTML 31Page - STMicroelectronics TS4909 Datasheet HTML 32Page - STMicroelectronics TS4909 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
TS4909
Application information
Doc ID 11972 Rev 9
29/35
Sample calculation
With R
in
=20k
Ω and F
CL
= 20 Hz and a -3 db low cut-off frequency, C
in
=398 nF.
Therefore, C
in
= 390 nF with standard values which gives a lower cut-off frequency equal to
20.4 Hz.
In this case:
τ
in =
R
in
xC
in
=7.8 ms
This value is sufficient with regard to the previous formula, so we can state that the pop will
be imperceptible.
Connecting the headphones
In general, the headphones are connected using a jack connector. To prevent pop in the
headphones while plugging in the jack, a pulldown resistor should be connected in parallel
with each headphone output. This allows the capacitors C
out
to be charged even when no
headphones are plugged in.
A resistor of 1 k
Ω is high enough to be a negligible load, and low enough to charge the
capacitors C
out
in less than one second.
4.8
Standby mode
When the TS4909 is in standby mode, the time required to put the output stages
(V
out1
, V
out2
and V
out3
) into a high impedance state with reference to ground, and the
internal circuitry in standby mode, is a few microseconds.
Figure 83. Internal equivalent circuit schematics of the TS4909 in standby mode
25K
25K
1M
1M
Vin1
BYPASS
Vin2
Vout1
Vout2
GND
Vout3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com