Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics TS4909 Datasheet HTML 10Page - STMicroelectronics TS4909 Datasheet HTML 11Page - STMicroelectronics TS4909 Datasheet HTML 12Page - STMicroelectronics TS4909 Datasheet HTML 13Page - STMicroelectronics TS4909 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical characteristics
TS4909
10/35
Doc ID 11972 Rev 9
Figure 2.
Open-loop frequency response,
RL = 1 MΩ
Figure 3.
Open-loop frequency response,
RL = 100 Ω, CL = 400 pF
10
-1
10
10
3
10
5
10
7
-5 0
-2 5
0
25
50
75
100
125
150
-2 70
-2 25
-1 80
-1 35
-9 0
-4 5
0
45
90
gain
phas e
RL = 1 M
Ω, T
AM B
=25°C
Frequency (Hz)
10
-1
10
10
3
10
5
10
7
-10 0
-7 5
-5 0
-2 5
0
25
50
75
10 0
-2 70
-2 25
-1 80
-1 35
-9 0
-4 5
0
45
90
gain
phas e
R L =100
Ω, CL=400pF, T
AM B
=25°C
Frequency (Hz)
Figure 4.
Open-loop frequency response,
RL = 1 MΩ, CL = 100 pF
Figure 5.
Open-loop frequency response,
RL = 16 Ω
10
-1
10
10
3
10
5
10
7
-5 0
-2 5
0
25
50
75
100
125
150
-2 70
-2 25
-1 80
-1 35
-9 0
-4 5
0
45
90
gain
phas e
RL = 1 M
Ω, CL=100pF, T
AM B
=25°C
Frequency (Hz)
10
-1
10
10
3
10
5
10
7
-10 0
-7 5
-5 0
-2 5
0
25
50
75
10 0
-2 70
-2 25
-1 80
-1 35
-9 0
-4 5
0
45
90
gain
phas e
RL = 1 6
Ω, T
AM B
=25°C
Frequency (Hz)
Figure 6.
Open-loop frequency response,
RL = 16 Ω, CL = 400 pF
Figure 7.
Output swing vs. power supply
voltage
10
-1
10
10
3
10
5
10
7
-10 0
-7 5
-5 0
-2 5
0
25
50
75
10 0
-2 70
-2 25
-1 80
-1 35
-9 0
-4 5
0
45
90
gain
phas e
RL = 1 6
Ω, CL=400pF, T
AM B
=25°C
Frequency (Hz)
23
45
6
0
1
2
3
4
5
6
RL = 1 6
Ω
T
AM B
= 25°C
Power Supply Voltage (V)
RL = 3 2
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com